Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4005 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X4005
Description  CPU Supervisor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4005 Datasheet(HTML) 1 Page - Xicor Inc.

  X4005 Datasheet HTML 1Page - Xicor Inc. X4005 Datasheet HTML 2Page - Xicor Inc. X4005 Datasheet HTML 3Page - Xicor Inc. X4005 Datasheet HTML 4Page - Xicor Inc. X4005 Datasheet HTML 5Page - Xicor Inc. X4005 Datasheet HTML 6Page - Xicor Inc. X4005 Datasheet HTML 7Page - Xicor Inc. X4005 Datasheet HTML 8Page - Xicor Inc. X4005 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
REV 1.1.3 4/30/02
Characteristics subject to change without notice.
1 of 18
www.xicor.com
X4003/X4005
CPU Supervisor
FEATURES
• Selectable watchdog timer
—Select 200ms, 600ms, 1.4s, off
•Low VCC detection and reset assertion
—Five standard reset threshold voltages
nominal 4.62V, 4.38V, 2.92V, 2.68V, 1.75V
—Adjust low VCC reset threshold voltage using
special programming sequence
—Reset signal valid to VCC = 1V
• Low power CMOS
—12µA typical standby current, watchdog on
—800nA typical standby current watchdog off
—3mA active current
• 400kHz I2C interface
• 1.8V to 5.5V power supply operation
• Available packages
—8-lead SOIC
—8-lead MSOP
DESCRIPTION
These devices combine three popular functions, Power-
on Reset Control, Watchdog Timer, and Supply Voltage
Supervision. This combination lowers system cost,
reduces board space requirements, and increases
reliability.
Applying power to the device activates the power on
reset circuit which holds RESET/RESET active for a
period of time. This allows the power supply and oscilla-
tor to stabilize before the processor can execute code.
The
Watchdog
Timer
provides
an
independent
protection mechanism for microcontrollers. When the
microcontroller fails to restart a timer within a select-
able time out interval, the device activates the RESET/
RESET signal. The user selects the interval from three
preset values. Once selected, the interval does not
change, even after cycling the power.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions, resetting the
system when VCC falls below the minimum VCC trip
point. RESET/RESET is asserted until VCC returns to
proper operating level and stabilizes. Five industry stan-
dard VTRIP thresholds are available; however, Xicor’s
unique circuits allow the threshold to be reprogrammed
to meet custom requirements, or to fine-tune the thresh-
old for applications requiring higher precision.
BLOCK DIAGRAM
Data
Register
Command
Decode &
Control
Logic
SDA
SCL
VCC
Reset &
Watchdog
Timebase
Power on and
Generation
+
-
RESET (X4003)
Reset
Low Voltage
Control
Register
Watchdog Transition
Detector
WP
VCC Threshold
Reset logic
RESET (X4005)
VTRIP
Watchdog
Timer Reset


Similar Part No. - X4005

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4005 INTERSIL-X4005 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X4005 RENESAS-X4005 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4005 INTERSIL-X4005 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X4005 INTERSIL-X4005 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X4005M8-1.8 INTERSIL-X4005M8-1.8 Datasheet
266Kb / 17P
   CPU Supervisor
More results

Similar Description - X4005

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com