Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8039L308TCTR Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8039L308TCTR
Description  Microprocessor Voltage Monitor with Manual Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8039L308TCTR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8039L308TCTR Datasheet HTML 1Page - Silicon Standard Corp. SS8039L308TCTR Datasheet HTML 2Page - Silicon Standard Corp. SS8039L308TCTR Datasheet HTML 3Page - Silicon Standard Corp. SS8039L308TCTR Datasheet HTML 4Page - Silicon Standard Corp. SS8039L308TCTR Datasheet HTML 5Page - Silicon Standard Corp. SS8039L308TCTR Datasheet HTML 6Page - Silicon Standard Corp. SS8039L308TCTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.SiliconStandard.com
3 of 7
Rev.2.02 1/06/2004
SS8039
Electrical Characteristics (Continued)
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V for
463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP MAX
UNITS
Reset Threshold Tempco
70
ppm/°C
VCC to Reset Delay (Note 2)
VCC = VTH to (VTH – 100mV)
15
VCC = VTH max, SS8039x463/438/400
250
510
720
Reset Active Timeout Period
VCC = VTH max, SS8039x308/293/263
140
310
520
ms
MR Minimum Pulse Width
tMR
10
µs
MR Glitch Immunity (Note 3)
100
ns
MR to Reset Propagation Delay
(Note 2)
tMD
0.5
µs
VIH
0.6xVCC
MR Input Threshold
VIL
VCC > VTH(max)
0.25xVCC
V
MR Pull-up Resistance
10
20
30
K
RESET Output Current Low
(push-pull active low ,SS8039L
IOL
VCC = 2.5V, V RESET = 0.5V
8
mA
VCC = 5V, V RESET = 4.5V, SS8039L463/438/400
4.5
VCC = 3.3V, V RESET = 2.8V, SS8039L308/293
3
RESET Output Current High
(push-pull active low , SS8039L)
IOH
VCC = 3V, V RESET = 2.5V, SS8039L263
2
mA
VCC = 5V, VRESET = 0.5V, SS8039H463/438/400
16
VCC = 3.3V, VRESET = 0.5V, SS8039H308/293
12
RESET Output Current Low
(push-pull active high, SS8039H)
IOL
VCC = 3V, VRESET = 0.5V, SS8039H263
10
mA
RESET Output Current High
(push-pull active high, SS8039H)
IOH
VCC = 2.5V, VRESET = 2V
2
mA
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design.
Note 2: RESET output is for SS8039L; RESET output is for SS8039H.
Note 3: “Glitches” of 100ns or less typically will not generate a reset pulse.
Selection Guide and Part Marking
PART/SUFFIX
RESET THRESHOLD (V)
OUTPUT TYPE
TOP MARK
SS8039H463TC
4.63
Push-Pull RESET
692Lx
SS8039H438TC
4.38
Push-Pull RESET
692Kx
SS8039H400TC
4.00
Push-Pull RESET
692Jx
SS8039H308TC
3.08
Push-Pull RESET
692Ix
SS8039H293TC
2.93
Push-Pull RESET
692Hx
SS8039H263TC
2.63
Push-Pull RESET
692Gx
SS8039L463TC
4.63
Push-Pull RESET
692Fx
SS8039L438TC
4.38
Push-Pull RESET
692Ex
SS8039L400TC
4.00
Push-Pull RESET
692Dx
SS8039L308TC
3.08
Push-Pull RESET
692Cx
SS8039L293TC
2.93
Push-Pull RESET
692Bx
SS8039L263TC
2.63
Push-Pull RESET
692Ax


Similar Part No. - SS8039L308TCTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
SS8037G SSC-SS8037G Datasheet
326Kb / 9P
   Microprocessor Reset IC
SS8037H263GT71 SSC-SS8037H263GT71 Datasheet
326Kb / 9P
   Microprocessor Reset IC
SS8037H263GT72 SSC-SS8037H263GT72 Datasheet
326Kb / 9P
   Microprocessor Reset IC
SS8037H263GT73 SSC-SS8037H263GT73 Datasheet
326Kb / 9P
   Microprocessor Reset IC
More results

Similar Description - SS8039L308TCTR

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Micrel Semiconductor
MIC2785 MICREL-MIC2785 Datasheet
135Kb / 6P
   Dual Supply Voltage Monitor with Manual Reset
MIC2785 MICREL-MIC2785_15 Datasheet
407Kb / 8P
   Dual Supply Voltage Monitor with Manual Reset
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
   Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
Maxim Integrated Produc...
ICL7665CPA MAXIM-ICL7665CPA Datasheet
114Kb / 12P
   Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com