Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8039H438TCTR Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS8039H438TCTR
Description  Microprocessor Voltage Monitor with Manual Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8039H438TCTR Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8039H438TCTR Datasheet HTML 1Page - Silicon Standard Corp. SS8039H438TCTR Datasheet HTML 2Page - Silicon Standard Corp. SS8039H438TCTR Datasheet HTML 3Page - Silicon Standard Corp. SS8039H438TCTR Datasheet HTML 4Page - Silicon Standard Corp. SS8039H438TCTR Datasheet HTML 5Page - Silicon Standard Corp. SS8039H438TCTR Datasheet HTML 6Page - Silicon Standard Corp. SS8039H438TCTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SS8039
www.SiliconStandard.com
5 of 7
Rev.2.02 1/06/2004
Pin Description
PIN
NAME
FUNCTION
1
GND
Ground
RESET
(SS8039L)
RESET
Output remains low while VCC is below the reset threshold, and for at least 140ms after VCC
rises above the reset threshold.
2
RESET
(SS8039H)
RESET Output remains high while V CC is below the reset threshold, and for at least 140ms after VCC
rises above the reset threshold.
3
MR
Manual Reset Input. A logic low on MR asserts reset. Reset remains asserted as long as MR is
low and for
at least 140ms after MR returns high, This active-low input has an internal 20kΩ pull- up
resistor. It can be driven from a TTL or CMOS-logic line, or shorted to ground with a switch. Leave
open if unused.
4
VCC
Supply Voltage (+5V, +3.3V, +3.0V)
Detailed Description
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The SS8039L and SS8039H assert reset
to prevent
code-execution errors during power-up,
power-down, or brownout conditions. They assert a reset
signal whenever the VCC supply voltage declines below a
preset threshold, keeping it asserted for at least 140ms
after VCC has risen above the reset threshold.
The SS8039L/SS8039H have a push-pull output stage.
The manual reset input (MR) can also initiate a reset.
See the Manual Reset Input Section.
Manual Reset Input
Fig.1 Maximum Transient Duration Without
Many µP-based products require manual reset capability
Causing a Reset Pulse vs. Reset Comparator Overdrive
allowing the operator, a test technician, or external logic
circuitry to initiate a reset. A logic low on MR asserts
reset. Reset remains asserted while MR is low, and for
the Reset Active Timeout Period (t RP) after
MR
returns
high. This input has an internal 20k
Ω pull-up resistor, so
it can be left open if it is not used. MR can be driven with
TTL or CMOS-logic levels, or with open-drain / collector
outputs. Connect a normally open momentary switch
from MR to GND to create a manual-reset function;
external debounce circuitry is not required. If MR is
driven from long cables or if the device is used in a
noisy environment, connecting a 0.1µF capacitor from
MR
to ground provides additional noise immunity.
Figure2. RESET Valid to VCC = Ground Circuit
V
CC
RESET
GND
R1
100k
V
CC
RESET
GND
SS8039
R1
100k
0
100
200
300
400
500
600
1
10
100
1000
Reset Comparator Overdrive, V TH-VCC (mV)


Similar Part No. - SS8039H438TCTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
SS8037G SSC-SS8037G Datasheet
326Kb / 9P
   Microprocessor Reset IC
SS8037H263GT71 SSC-SS8037H263GT71 Datasheet
326Kb / 9P
   Microprocessor Reset IC
SS8037H263GT72 SSC-SS8037H263GT72 Datasheet
326Kb / 9P
   Microprocessor Reset IC
SS8037H263GT73 SSC-SS8037H263GT73 Datasheet
326Kb / 9P
   Microprocessor Reset IC
More results

Similar Description - SS8039H438TCTR

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Micrel Semiconductor
MIC2785 MICREL-MIC2785 Datasheet
135Kb / 6P
   Dual Supply Voltage Monitor with Manual Reset
MIC2785 MICREL-MIC2785_15 Datasheet
407Kb / 8P
   Dual Supply Voltage Monitor with Manual Reset
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
   Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
Maxim Integrated Produc...
ICL7665CPA MAXIM-ICL7665CPA Datasheet
114Kb / 12P
   Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com