Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24F064VI Datasheet(PDF) 11 Page - Xicor Inc.

Part # X24F064VI
Description  SerialFlash TM Memory with Block Lock TM Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F064VI Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X24F064VI Datasheet HTML 7Page - Xicor Inc. X24F064VI Datasheet HTML 8Page - Xicor Inc. X24F064VI Datasheet HTML 9Page - Xicor Inc. X24F064VI Datasheet HTML 10Page - Xicor Inc. X24F064VI Datasheet HTML 11Page - Xicor Inc. X24F064VI Datasheet HTML 12Page - Xicor Inc. X24F064VI Datasheet HTML 13Page - Xicor Inc. X24F064VI Datasheet HTML 14Page - Xicor Inc. X24F064VI Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
X24F064/032/016
11
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
X24F064/032/016 ...................... –65
°C to +135°C
Storage Temperature........................ –65
°C to +150°C
Voltage on any Pin with
Respect to VSS.................................... –1V to +7V
D.C. Output Current..............................................5mA
Lead Temperature (Soldering, 10 Seconds)...... 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
6686 FRM T06.4
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 2.7V
6686 FRM T07
Notes: (1) Must perform a stop command prior to measurement.
(2) VIL min. and VIH max. are for reference only and are not 100% tested.
(3) This parameter is periodically sampled and not 100% tested.
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC1
VCC Supply Current (Read)
1
mA
SCL = VCC X 0.1/VCC X 0.9 Levels
@ 100KHz, SDA = Open, All Other
Inputs =
VSS or VCC – 0.3V
ICC2
VCC Supply Current (Write)
3
mA
ISB1
(1)
VCC Standby Current
1
µA
SCL = SDA = VCC, All Other
Inputs =
VSS or VCC – 0.3V,
VCC = 3.6V
ISB2
(1)
VCC Standby Current
10
µA
SCL = SDA = VCC, All Other
Inputs =
VSS or VCC – 0.3V,
VCC = 5V ±10%
ILI
Input Leakage Current
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
10
µA
VOUT = VSS to VCC
VlL
(2)
Input LOW Voltage
–1
VCC x 0.3
V
VIH
(2)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 3mA
Symbol
Parameter
Max.
Units
Test Conditions
CI/O
(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
(3)
Input Capacitance (S1, S2, SCL)
6
pF
VIN = 0V
RECOMMENDED OPERATING CONDITIONS
6686 FRM T04.2
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Extended
–20
°C
+85
°C
Industrial
–40
°C
+85
°C
6686 FRM T05.2
Supply Voltage
Limits
X24F064/032/016
1.8V to 3.6V
X24F064/032/016–5
4.5V to 5.5V


Similar Part No. - X24F064VI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P XICOR-X24F128P Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P-5 XICOR-X24F128P-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE XICOR-X24F128PE Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE-5 XICOR-X24F128PE-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results

Similar Description - X24F064VI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com