Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8027GT46TB Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8027GT46TB
Description  3.3V 1A Low Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8027GT46TB Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8027GT46TB Datasheet HTML 1Page - Silicon Standard Corp. SS8027GT46TB Datasheet HTML 2Page - Silicon Standard Corp. SS8027GT46TB Datasheet HTML 3Page - Silicon Standard Corp. SS8027GT46TB Datasheet HTML 4Page - Silicon Standard Corp. SS8027GT46TB Datasheet HTML 5Page - Silicon Standard Corp. SS8027GT46TB Datasheet HTML 6Page - Silicon Standard Corp. SS8027GT46TB Datasheet HTML 7Page - Silicon Standard Corp. SS8027GT46TB Datasheet HTML 8Page - Silicon Standard Corp. SS8027GT46TB Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.SiliconStandard.com
4 of 10
5/26/2005 Rev.2.2
SS8027G
Typical Performance Characteristics
(VIN=5V, CIN=1µF, COUT =10µF, TA=25°C, unless otherwise noted.)
0
200
400
600
800
1000
1200
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
3.260
3.280
3.300
3.320
3.340
3.360
3.380
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
Line Transient
Load Transient
Ch1: Vout (offset=3.30V)
Ch2: Vin (offset=5.0V)
Iout=100mA
Ch1: Vout (offset=3.30V)
Ch2: Iout (780mA/div)
Output Voltage vs. Load Current
Dropout Voltage vs. Load Current
Ground Current vs. Load Current


Similar Part No. - SS8027GT46TB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTB SSC-SS8021GTB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTR SSC-SS8021GTR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TB SSC-SS8021TB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TR SSC-SS8021TR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
More results

Similar Description - SS8027GT46TB

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
   3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Allegro MicroSystems
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com