Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8037H400GT73 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8037H400GT73
Description  Microprocessor Reset IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8037H400GT73 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8037H400GT73 Datasheet HTML 1Page - Silicon Standard Corp. SS8037H400GT73 Datasheet HTML 2Page - Silicon Standard Corp. SS8037H400GT73 Datasheet HTML 3Page - Silicon Standard Corp. SS8037H400GT73 Datasheet HTML 4Page - Silicon Standard Corp. SS8037H400GT73 Datasheet HTML 5Page - Silicon Standard Corp. SS8037H400GT73 Datasheet HTML 6Page - Silicon Standard Corp. SS8037H400GT73 Datasheet HTML 7Page - Silicon Standard Corp. SS8037H400GT73 Datasheet HTML 8Page - Silicon Standard Corp. SS8037H400GT73 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SS803xxxxxGT7x
Pin Option
Threshold Voltage Option
PART NUMBER
THRESHOLD VOLTAGE OPTION
SS8037L : Push-Pull Active Low Output
* xxx specifies the threshold voltage.
SS8037H : Push-Pull Active High Output
e.g. 263 denotes the 2.63V threshold voltage.
SS8038L : Open-Drain Output
www.SiliconStandard.com
2 of 9
ORDERING INFORMATION
PIN OPTION
1
2
3
1 :
RESET
GND
VCC
2 :
RESET
VCC
GND
3 :
GND
RESET
VCC
4 :
GND
VCC
RESET
5 :
VCC
GND
RESET
6 :
VCC
RESET
GND
*RESET for SS8037H
TOP MARK
PART/SUFFIX
RESET THRESHOLD (V)
OUTPUT TYPE
SS8038L463GT71
4.63
Open-Drain
689Fx
SS8038L438GT71
4.38
Open-Drain
689Ex
SS8038L400GT71
4.00
Open-Drain
689Dx
SS8038L308GT71
3.08
Open-Drain
689Cx
SS8038L293GT71
2.93
Open-Drain
689Bx
SS8038L263GT71
2.63
Open-Drain
689Ax
SS8037H463GT71
4.63
Push-Pull RESET
688Lx
SS8037H438GT71
4.38
Push-Pull RESET
688Kx
SS8037H400GT71
4.00
Push-Pull RESET
688Jx
SS8037H308GT71
3.08
Push-Pull RESET
688Ix
SS8037H293GT71
2.93
Push-PullRESET
688Hx
SS8037H263GT71
2.63
Push-Pull RESET
688Gx
SS8037L463GT71
4.63
Push-Pull RESET
688Fx
SS8037L438GT71
4.38
Push-Pull RESET
688Ex
SS8037L400GT71
4.00
Push-Pull RESET
688Dx
SS8037L308GT71
3.08
Push-Pull RESET
688Cx
SS8037L293GT71
2.93
Push-Pull RESET
688Bx
SS8037L263GT71
2.63
Push-Pull RESET
688Ax
Note: T71: SOT23 pin-out option 1
Not all product options are released for mass production, please contact Silicon Standard for availability.
SELECTION GUIDE AND MARKING INFORMATION
SS8037/8(G)
10/6/2004 Rev.2.20
GT7: Pb-free SOT-23-3


Similar Part No. - SS8037H400GT73

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8039 SSC-SS8039 Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H263TCTR SSC-SS8039H263TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H293TCTR SSC-SS8039H293TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H308TCTR SSC-SS8039H308TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H400TCTR SSC-SS8039H400TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
More results

Similar Description - SS8037H400GT73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com