Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8218-S4TB Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS8218-S4TB
Description  Ultra160 Multi-mode LVD/SE SCSI Terminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8218-S4TB Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS8218-S4TB Datasheet HTML 3Page - Silicon Standard Corp. SS8218-S4TB Datasheet HTML 4Page - Silicon Standard Corp. SS8218-S4TB Datasheet HTML 5Page - Silicon Standard Corp. SS8218-S4TB Datasheet HTML 6Page - Silicon Standard Corp. SS8218-S4TB Datasheet HTML 7Page - Silicon Standard Corp. SS8218-S4TB Datasheet HTML 8Page - Silicon Standard Corp. SS8218-S4TB Datasheet HTML 9Page - Silicon Standard Corp. SS8218-S4TB Datasheet HTML 10Page - Silicon Standard Corp. SS8218-S4TB Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
www.SiliconStandard.com
11 of 11
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
SS8218
Rev.2.01 6/06/2003
28 pin TSSOP
NOTE:
1. Package body sizes exclude mold flash protrusions or gate burrs
2. Tolerance
±0.1mm unless otherwise specified
3. Coplanarity : 0.1mm
4. Controlling dimension is in millimeter. Converted inch dimensions are not necessarily accurate.
5. Follow JEDEC MO-153
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
-----
-----
1.20
-----
-----
0.048
A1
0.05
-----
0.15
0.002
-----
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
-----
0.30
0.007
-----
0.012
C
0.09
-----
0.20
0.004
-----
0.008
D
9.60
9.70
9.80
0.378
0.382
0.386
E
-----
6.40
-----
-----
0.252
-----
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
-----
0.65
-----
-----
0.026
-----
L
0.45
0.60
0.75
0.018
0.024
0.030
y
-----
-----
0.10
-----
-----
0.004
θ
-----
-----
28
E1
E
D
1
b
A
A1
A2
C
L
θ
e


Similar Part No. - SS8218-S4TB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
SS8219GDTR SSC-SS8219GDTR Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
SS8219GSTR SSC-SS8219GSTR Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
More results

Similar Description - SS8218-S4TB

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G218B GMT-G218B Datasheet
188Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
S136-000 ETC2-S136-000 Datasheet
453Kb / 1P
   SCSI/Fibre Channel - SCSI Ultra160 LVD/SE Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
   Multi-mode LVD/SE SCSI Terminator
G220 GMT-G220 Datasheet
193Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
G219 ETC-G219 Datasheet
130Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com