Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X86C64 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X86C64
Description  E2 Micro-Peripheral
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X86C64 Datasheet(HTML) 3 Page - Xicor Inc.

  X86C64 Datasheet HTML 1Page - Xicor Inc. X86C64 Datasheet HTML 2Page - Xicor Inc. X86C64 Datasheet HTML 3Page - Xicor Inc. X86C64 Datasheet HTML 4Page - Xicor Inc. X86C64 Datasheet HTML 5Page - Xicor Inc. X86C64 Datasheet HTML 6Page - Xicor Inc. X86C64 Datasheet HTML 7Page - Xicor Inc. X86C64 Datasheet HTML 8Page - Xicor Inc. X86C64 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
X86C64
3
DEVICE OPERATION
Zilog Z8 operation requires the microcontroller’s
AS, DS
and R/
W outputs tied to the X86C64 AS, DS and
R/
W inputs respectively.
The rising edge of
AS will latch the addresses for both a
read and write operation. The state of R/
W output
determines the operation to be performed, with the
DS
signal acting as a data strobe.
If R/
W is HIGH and CE HIGH (read operation) data will
be output on A/D0–A/D7 after DS transitions LOW. If
R/
W is LOW and CE is HIGH (write operation) data
presented at A/D0–A/D7 will be strobed into the X86C64
on the LOW to HIGH transition of
DS.
PRINCIPLES OF OPERATION
The X86C64 is a highly integrated peripheral device for
a wide variety of single-chip microcontrollers. The
X86C64 provides 8K bytes of 5-volt E2PROM which can
be used either for Program Storage, Data Storage or a
combination of both in systems based upon Von
Neumann (86XX) architectures. The X86C64 incorpo-
rates the interface circuitry normally needed to decode
the control signals and demultiplex the Address/Data
bus to provide a “ Seamless” interface.
The interface inputs on the X86C64 are configured such
that it is possible to directly connect them to the proper
interface signals of the appropriate single-chip
microcontroller.
The X86C64 is internally organized as two independent
planes of 4K bytes of memory with the A12 input select-
ing which of the two planes of memory are to be
accessed. While the processor is executing code out of
one plane, write operations can take place in the other
plane, allowing the processor to continue execution of
code out of the X86C64 during a byte or page write to the
device.
The X86C64 also features an advanced implementation
of the Software Data Protection scheme, called Block
Protect, which allows the device to be broken into 8
independent sections of 1K bytes. Each of these sec-
tions can be independently enabled for write operations;
thereby allowing certain sections of the device to be
secured so that updates can only occur in a controlled
environment (e.g. in an automotive application, only at
an authorized service center). The desired set-up con-
figuration is stored in a nonvolatile register, ensuring the
configuration data will be maintained after the device is
powered down.
The X86C64 also features a Write Control input (
WC),
which serves as an external control over the completion
of a previously initiated page load cycle.
The X86C64 also features the industry standard 5-volt
E2PROM characteristics such a byte or page mode write
and toggle-bit polling.
Typical Application
P10
P11
P12
P13
P14
P15
P16
P17
P00
P01
P02
P03
P04
P07
AS
DS
R/W
21
22
23
24
25
26
27
28
13
14
15
16
17
20
9
8
7
7
8
9
10
11
13
14
15
21
20
17
19
2
16
5
22
18
23
6
A/D0
A/D1
A/D2
A/D3
A/D4
A/D5
A/D6
A/D7
A8
A9
A10
A11
A12
CE
WC
AS
DS
R/W
SEL
VCC
24
XTAL
EXTAL
2
3
X86C64
Z8
VSS
12
3819 FHD F03


Similar Description - X86C64

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X88257 XICOR-X88257 Datasheet
70Kb / 15P
   E2 Micro-Peripheral
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X88064 XICOR-X88064 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X68257 XICOR-X68257 Datasheet
70Kb / 14P
   E2 Micro-Peripheral
logo
List of Unclassifed Man...
E2-100-06-34PZ ETC2-E2-100-06-34PZ Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
   Multifunction Peripheral
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com