Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X88257S Datasheet(PDF) 5 Page - Xicor Inc.

Part # X88257S
Description  E2 Micro-Peripheral
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88257S Datasheet(HTML) 5 Page - Xicor Inc.

  X88257S Datasheet HTML 1Page - Xicor Inc. X88257S Datasheet HTML 2Page - Xicor Inc. X88257S Datasheet HTML 3Page - Xicor Inc. X88257S Datasheet HTML 4Page - Xicor Inc. X88257S Datasheet HTML 5Page - Xicor Inc. X88257S Datasheet HTML 6Page - Xicor Inc. X88257S Datasheet HTML 7Page - Xicor Inc. X88257S Datasheet HTML 8Page - Xicor Inc. X88257S Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
X88257
5
TOGGLE BIT POLLING
Because the typical write timing is less than the specified
5ms, Toggle Bit Polling has been provided to determine
the early end of write. During the internal programming
cycle I/O6 will toggle from “1” to “0” and “0” to “1” on
subsequent attempts to read the device. When the
internal cycle is complete the toggling will cease and the
device will be accessible for additional read or write
operations.
Toggle Bit Polling
RD/WR Control
RD
LAST BYTE
WRITTEN
CE
ALE
A/D0–A/D7
A8–A14
WR
AIN
DIN
An
OPERATION
AIN DOUT
An
AIN DOUT
An
AIN DOUT
An
AIN DOUT
An
AIN
ADDR
I/O6=X
X88C64 READY FOR
NEXT OPERATION
6509 ILL F09.1
I/O6=X
I/O6=X
I/O6=X
Writing with SDP
WRITE AA
TO 5555
WRITE 55
TO 2AAA
WRITE A0
TO 5555
PERFORM BYTE
OR PAGE WRITE
OPERATIONS
WAIT tWC
EXIT ROUTINE
6509 ILL F10.1
SOFTWARE DATA PROTECTION
Software Data Protection (SDP) is employed to protect
the entire array against inadvertent writes. To write to the
X88257, a three-byte command sequence must precede
the byte(s) being written. All write operations, both the
command sequence and any data write operations must
conform to the page write timing requirements.


Similar Part No. - X88257S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88064 XICOR-X88064 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064P XICOR-X88064P Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064P-60 XICOR-X88064P-60 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064PI XICOR-X88064PI Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064PI-60 XICOR-X88064PI-60 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
More results

Similar Description - X88257S

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X88064 XICOR-X88064 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X68257 XICOR-X68257 Datasheet
70Kb / 14P
   E2 Micro-Peripheral
X86C64 XICOR-X86C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
logo
List of Unclassifed Man...
E2-100-06-34PZ ETC2-E2-100-06-34PZ Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
   Multifunction Peripheral
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com