Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X88257J Datasheet(PDF) 6 Page - Xicor Inc.

Part # X88257J
Description  E2 Micro-Peripheral
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88257J Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X88257J Datasheet HTML 2Page - Xicor Inc. X88257J Datasheet HTML 3Page - Xicor Inc. X88257J Datasheet HTML 4Page - Xicor Inc. X88257J Datasheet HTML 5Page - Xicor Inc. X88257J Datasheet HTML 6Page - Xicor Inc. X88257J Datasheet HTML 7Page - Xicor Inc. X88257J Datasheet HTML 8Page - Xicor Inc. X88257J Datasheet HTML 9Page - Xicor Inc. X88257J Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
X88257
6
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS .................................. –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
6509 PGM T03.1
Supply Voltage
Limits
X88257
5V
±10%
6509 PGM T04.1
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC
VCC Current (Active)
60
mA
CE = RD = VIL, All I/O’s =
Open,Other Inputs = VCC
ISB1(CMOS)
VCC Current (Standby)
500
µA
CE = VCC – 0.3V, All I/O’s =
Open,Other Inputs = VCC
0.3V, ALE = VIL
ISB2(TTL)
VCC Current (Standby)
6
mA
CE = VIH, All I/O’s = Open, Other
Inputs = VIH, ALE = VIL
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC,
RD = VIH = PSEN
VlL(3)
Input LOW Voltage
–1
0.8
V
VIH(3)
Input HIGH Voltage
2
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 2.1mA
VOH
Output HIGH Voltage
2.4
V
IOH = –400
µA
6509 PGM T05.1
Notes: (3) VIL min. and VIH max. are for reference only and are not tested.
(4) This parameter is periodically sampled and not 100% tested.
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(4)
Power-Up to Read
1
ms
tPUW(4)
Power-Up to Write
5
ms
6509 PGM T07
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
Symbol
Test
Max.
Units
Conditions
CI/O(4)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(4)
Input Capacitance
6
pF
VIN = 0V
6509 PGM T06


Similar Part No. - X88257J

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88064 XICOR-X88064 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064P XICOR-X88064P Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064P-60 XICOR-X88064P-60 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064PI XICOR-X88064PI Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064PI-60 XICOR-X88064PI-60 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
More results

Similar Description - X88257J

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X88064 XICOR-X88064 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X68257 XICOR-X68257 Datasheet
70Kb / 14P
   E2 Micro-Peripheral
X86C64 XICOR-X86C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
logo
List of Unclassifed Man...
E2-100-06-34PZ ETC2-E2-100-06-34PZ Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
   Multifunction Peripheral
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com