Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X88C75P Datasheet(PDF) 2 Page - Xicor Inc.

Part # X88C75P
Description  Port Expander and E2 Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C75P Datasheet(HTML) 2 Page - Xicor Inc.

  X88C75P Datasheet HTML 1Page - Xicor Inc. X88C75P Datasheet HTML 2Page - Xicor Inc. X88C75P Datasheet HTML 3Page - Xicor Inc. X88C75P Datasheet HTML 4Page - Xicor Inc. X88C75P Datasheet HTML 5Page - Xicor Inc. X88C75P Datasheet HTML 6Page - Xicor Inc. X88C75P Datasheet HTML 7Page - Xicor Inc. X88C75P Datasheet HTML 8Page - Xicor Inc. X88C75P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
X88C75 SLIC® E2
2
Reading and writing of the nonvolatile memory array is
analogous to RAM operation. During a write operation to
either the nonvolatile memory or the control registers,
ALE latches the address to be written into the X88C75.
The rising edge of
WR latches the data to be written.
The nonvolatile memory of the X88C75 is internally
organized as two independent arrays of 4K-bytes with
the A12 input selecting which of the two planes of
memory is to be accessed. While the processor is
executing code out of one plane, write operations can
take place in the other plane; allowing the processor to
continue execution of code out of the X88C75 during a
byte or page write to the device. This feature is called
Concurrent Read During Write.
The X88C75 also features an advanced implementation
of the Software Data Protection scheme, called Block
Lock Protect, which allows the nonvolatile memory array
to be treated as 8 independent sections of 1K-bytes.
Each of these sections can be independently enabled
for write operations. This allows segmentation of the
memory contents into writable and non-writable sec-
tions, thereby, allowing certain sections of the device to
be secured so that updates can only occur in a controlled
environment. (e.g. in an automotive application, only at
which allows Individual blocks of the memory to be
configured as read-only or read/write.
Each bidirectional port consists of 8 general purpose
I/O lines and 1 data strobe line. The ports also feature a
configurable interrupt request output.
Access to the X88C75 is accomplished through the
multiplexed address/data bus of the 80C51 type control-
lers. An internal programmable address decoder maps
the internal memory and register locations into the
desired address space.
ARCHITECTURAL OVERVIEW
The X88C75 incorporates the interface circuitry nor-
mally needed to decode the control signals and
demultiplex the address/data bus to provide a “seam-
less” interface.
The control inputs on the X88C75 are configured such
that it is possible to directly connect them to the proper
interface signals of the 80C51 microcontroller. The
reading of data from the chip is controlled either by the
PSEN or the RD signal, which essentially maps the
X88C75 into both the Program and the Data Memory
address map.
FUNCTIONAL DIAGRAM
2887 ILL F03
ADDRESS
LATCH
I/O
BUFFER
&
LATCH
MASTER
CONTROL
LOGIC
LEFT PLANE
DECODE
RIGHT PLANE
DECODE
1K X 8
1K X 8
E2PROM
CE
ALE
PSEN
RD
WR
RESET
IRQ
1K X 8
1K X 8
1K X 8
1K X 8
1K X 8
1K X 8
SDP
DECODE
CONFIG
REGISTER
MAP
MEM.
PORT
SPECIAL
FUNCTION
REGISTERS
PORT
A
PORT
B
PORT SELECT
DATA I/O BUS
A0–A15
I/O0–I/O7
WC
E2PROM
16 X 8
GENERAL
PURPOSE
REGISTERS


Similar Part No. - X88C75P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64P XICOR-X88C64P Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X88C64P XICOR-X88C64P Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64PI XICOR-X88C64PI Datasheet
71Kb / 14P
   E2 Micro-Peripheral
More results

Similar Description - X88C75P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X68C75 XICOR-X68C75 Datasheet
123Kb / 26P
   Port Expander and E2 Memory
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
   OUTPUT PORT EXPANDER
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
   INPUT/OUTPUT PORT EXPANDER
logo
Maxim Integrated Produc...
DS4550 MAXIM-DS4550 Datasheet
930Kb / 19P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
19-8356; Rev 1; 7/17
logo
Dallas Semiconductor
DS4550 DALLAS-DS4550 Datasheet
650Kb / 18P
   I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
logo
Maxim Integrated Produc...
MAX7319 MAXIM-MAX7319_V01 Datasheet
937Kb / 15P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
19-3809; Rev 2; 5/14
MAX7319 MAXIM-MAX7319 Datasheet
251Kb / 16P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
Rev 1; 10/05
logo
STMicroelectronics
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
   8-bit port expander Xpander logic
logo
Sames
SA9203 SAMES-SA9203 Datasheet
113Kb / 14P
   6/3 X 8 PORT EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com