Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X88064S-60 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X88064S-60
Description  E2 Micro-Peripheral
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88064S-60 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X88064S-60 Datasheet HTML 7Page - Xicor Inc. X88064S-60 Datasheet HTML 8Page - Xicor Inc. X88064S-60 Datasheet HTML 9Page - Xicor Inc. X88064S-60 Datasheet HTML 10Page - Xicor Inc. X88064S-60 Datasheet HTML 11Page - Xicor Inc. X88064S-60 Datasheet HTML 12Page - Xicor Inc. X88064S-60 Datasheet HTML 13Page - Xicor Inc. X88064S-60 Datasheet HTML 14Page - Xicor Inc. X88064S-60 Datasheet HTML 15Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
X88064
11
RD Controlled Read Cycle
7023 FRM T10
RD Controlled Read Timing Diagram
Notes: (6) This parameter is periodically sampled and not 100% tested.
X88064 – 60
X88064
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tLHLL
ALE Pulse Width
60
80
ns
tAVLL
Address Setup Time
10
10
ns
tLLAX
Address Hold Time
20
20
ns
tRLDV
RD Read Access Time
60
80
ns
tRHDX
Data Hold Time
0
0
ns
tELLL
Chip Enable Setup Time
7
7
ns
PWRL
RD Pulse Width
120
150
ns
tRDS
RD Setup Time
20
30
ns
tRDH
RD Hold Time
20
20
ns
tRHDZ (6)
RD Disable to Output in High Z
20
30
ns
tRLDX (6)
RD to Output in Low Z
0
0
ns
ALE
A/D0 –A/D7
A8 –A12
RD
AIN
tRLDV
DOUT
7023 FRM F11
tRDH
tRDH
tLHLL
tAVLL
tLLAX
tRDS
PWRL
ADDRESS
CE
tRLDX
tRHDZ
tRHDX
tELLL


Similar Part No. - X88064S-60

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88257 XICOR-X88257 Datasheet
70Kb / 15P
   E2 Micro-Peripheral
X88257J XICOR-X88257J Datasheet
70Kb / 15P
   E2 Micro-Peripheral
X88257JI XICOR-X88257JI Datasheet
70Kb / 15P
   E2 Micro-Peripheral
X88257JM XICOR-X88257JM Datasheet
70Kb / 15P
   E2 Micro-Peripheral
X88257P XICOR-X88257P Datasheet
70Kb / 15P
   E2 Micro-Peripheral
More results

Similar Description - X88064S-60

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X88257 XICOR-X88257 Datasheet
70Kb / 15P
   E2 Micro-Peripheral
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X68257 XICOR-X68257 Datasheet
70Kb / 14P
   E2 Micro-Peripheral
X86C64 XICOR-X86C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
logo
List of Unclassifed Man...
E2-100-06-34PZ ETC2-E2-100-06-34PZ Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
   Multifunction Peripheral
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com