Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X88257PM Datasheet(PDF) 8 Page - Xicor Inc.

Part # X88257PM
Description  E2 Micro-Peripheral
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88257PM Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X88257PM Datasheet HTML 4Page - Xicor Inc. X88257PM Datasheet HTML 5Page - Xicor Inc. X88257PM Datasheet HTML 6Page - Xicor Inc. X88257PM Datasheet HTML 7Page - Xicor Inc. X88257PM Datasheet HTML 8Page - Xicor Inc. X88257PM Datasheet HTML 9Page - Xicor Inc. X88257PM Datasheet HTML 10Page - Xicor Inc. X88257PM Datasheet HTML 11Page - Xicor Inc. X88257PM Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
X88257
8
RD Controlled Read Cycle
Symbol
Parameter
Min.
Max.
Units
tLHLL
ALE Pulse Width
80
ns
tAVLL
Address Setup Time
20
ns
tLLAX
Address Hold Time
30
ns
tRLDV
RD Read Access Time
120
ns
tRHDX
Data Hold Time
0
ns
tELLL
Chip Enable Setup Time
7
ns
PWRL
RD Pulse Width
150
ns
tRDS
RD Setup Time
30
ns
tRDH
RD Hold Time
20
ns
tRHDZ (6)
RD Disable to Output in High Z
50
ns
tRLDX (6)
RD to Output in Low Z
0
ns
6509 PGM T10
RD Controlled Read Timing Diagram
ALE
A/D0–A/D7
A8–A14
RD
AIN
tRLDV
DOUT
tRDH
tRDH
tLHLL
tAVLL
tLLAX
tRDS
PWRL
ADDRESS
CE
tRLDX
tRHDZ
tRHDX
tELLL
6509 ILL F06.1
Note:
(6) This parameter is periodically sampled and not 100% tested.
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
SYMBOL TABLE


Similar Part No. - X88257PM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88064 XICOR-X88064 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064P XICOR-X88064P Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064P-60 XICOR-X88064P-60 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064PI XICOR-X88064PI Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X88064PI-60 XICOR-X88064PI-60 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
More results

Similar Description - X88257PM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
   E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
   E2 Micro-Peripheral
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
X88064 XICOR-X88064 Datasheet
81Kb / 15P
   E2 Micro-Peripheral
X68257 XICOR-X68257 Datasheet
70Kb / 14P
   E2 Micro-Peripheral
X86C64 XICOR-X86C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
logo
List of Unclassifed Man...
E2-100-06-34PZ ETC2-E2-100-06-34PZ Datasheet
386Kb / 5P
   e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
   Multifunction Peripheral
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com