Electronic Components Datasheet Search |
|
X25F032VI Datasheet(PDF) 8 Page - Xicor Inc. |
|
X25F032VI Datasheet(HTML) 8 Page - Xicor Inc. |
8 / 16 page 8 X25F064/032/016/008 *COMMENT Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and the functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ABSOLUTE MAXIMUM RATINGS* Temperature Under Bias .................. –65 °C to +135°C Storage Temperature ....................... –65 °C to +150°C Voltage on any Pin with Respect to VSS ......... –1V to +7V D.C. Output Current ............................................. 5mA Lead Temperature (Soldering, 10 Seconds) ............................. 300 °C D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.) Limits Symbol Parameter Min. Max. Units Test Conditions ICC VCC Supply Current (Active) 5 mA SCK = VCC x 0.1/VCC x 0.9 @ 1MHz, SO = Open, CS = VSS ISB1(2) VCC Supply Current (Standby) 1 µA CS = VCC, VIN = VSS or VCC, VCC = 3.6V ISB2 VCC Supply Current (Standby) 10 µA CS = VCC, VIN = VSS or VCC, VCC = 5V ILI Input Leakage Current 10 µAVIN = VSS to VCC ILO Output Leakage Current –1 10 µAVOUT = VSS to VCC VIL(1) Input LOW Voltage VCC x 0.7 VCC x 0.3 V VIH(1) Input HIGH Voltage VCC + 0.5 V VOL1 Output LOW Voltage 0.4 V IOL = 1.5mA, VCC = 2.7V VOH1 Output HIGH Voltage VCC – 0.3 V IOH = –0.4mA, VCC = 2.7V VOL2 Output LOW Voltage 0.4 V IOL = 3mA, VCC = 5V VOH2 Output HIGH Voltage VCC – 0.8 V IOH = –1.6mA, VCC = 5V 6685 PGM T08.4 RECOMMENDED OPERATING CONDITIONS Temp Min. Max. Commercial 0 °C +70 °C Extended –20 °C +85 °C Industrial –40 °C +85 °C 6685 PGM T06.2 Supply Voltage Limits X25F064/032/016/008 1.8V to 3.6V X25F064/032/016/008–5 4.5V to 5.5V 6685 PGM T07.3 POWER-UP TIMING Symbol Parameter Min. Max. Units tPUR(3) Power-up to Read Operation 1 ms tPUW(3) Power-up to Write Operation 5 ms 6685 PGM T09 Notes: (1) VIL min. and VIH max. are for reference only and are not tested. (2) This parameter is periodically sampled and not 100% tested. (3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters are periodically sampled and not 100% tested. CAPACITANCE TA = 25°C, f = 1MHz, VCC = 5V. Symbol Test Max. Units Conditions COUT(2) Output Capacitance (SO) 8 pF VOUT = 0V CIN(2) Input Capacitance (SCK, SI, CS, WP, HOLD)6 pF VIN = 0V 6685 PGM T10.1 |
Similar Part No. - X25F032VI |
|
Similar Description - X25F032VI |