Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25323S14-2.7 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X25323S14-2.7
Description  Programmable Watchdog Timer & V CC Supervisory Circuit w/Serial E 2 PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25323S14-2.7 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X25323S14-2.7 Datasheet HTML 6Page - Xicor Inc. X25323S14-2.7 Datasheet HTML 7Page - Xicor Inc. X25323S14-2.7 Datasheet HTML 8Page - Xicor Inc. X25323S14-2.7 Datasheet HTML 9Page - Xicor Inc. X25323S14-2.7 Datasheet HTML 10Page - Xicor Inc. X25323S14-2.7 Datasheet HTML 11Page - Xicor Inc. X25323S14-2.7 Datasheet HTML 12Page - Xicor Inc. X25323S14-2.7 Datasheet HTML 13Page - Xicor Inc. X25323S14-2.7 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
X25643/45
X25323/25
X25163/65
10
Data Output Timing
7036 FRM T14
Notes:
(3) This parameter is periodically sampled and not 100% tested.
(4) tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal
nonvolatile write cycle.
Symbol
Parameter
Voltage Range
Min.
Max.
Units
fSCK
Clock Frequency
2.7V–5.5V
1.8V–3.6V
0
2
1
MHz
tDIS
Output Disable Time
2.7V–5.5V
1.8V–3.6V
250
ns
tV
Output Valid from Clock Low
2.7V–5.5V
1.8V–3.6V
200
400
ns
tHO
Output Hold Time
2.7V–5.5V
1.8V–3.6V
0
ns
tRO
(3)
Output Rise Time
2.7V–5.5V
1.8V–3.6V
100
ns
tFO
(3)
Output Fall Time
2.7V–5.5V
1.8V–3.6V
100
ns


Similar Part No. - X25323S14-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25320F ICMIC-X25320F Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25320FG ICMIC-X25320FG Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25320FP ICMIC-X25320FP Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results

Similar Description - X25323S14-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25648 XICOR-X25648 Datasheet
73Kb / 16P
   V CC Supervisory Circuit w/Serial E 2 PROM
X25644 XICOR-X25644 Datasheet
76Kb / 15P
   Programmable Watchdog Timer w/Serial E 2 PROM
logo
Summit Microelectronics...
SMS2902 SUMMIT-SMS2902 Datasheet
157Kb / 14P
   Voltage Supervisory Circuit With Watchdog Timer
S4242 SUMMIT-S4242 Datasheet
102Kb / 16P
   Dual Voltage Supervisory Circuit With Watchdog Timer
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Xicor Inc.
X25043 XICOR-X25043 Datasheet
93Kb / 15P
   Programmable Watchdog Supervisory E2PROM
logo
Catalyst Semiconductor
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com