Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF3J Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # UF3J
Description  SURFACE MOUNT ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

UF3J Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  UF3J Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. UF3J Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES UF3A THRU UF3M
3.0
2.4
1.8
1.2
0.6
0
0
25
50
75
100
125
150
175
100
80
60
40
20
0
0.2
0.6
1.0
1.4
1.8
2.0
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
0.01
0.1
1
20
10
TJ=25 C
1
10
100
200
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
TJ=25 C
PULSE WIDTH=300 µs
1%DUTY CYCLE
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
UF3A-UF3D
UF3G
UF3J-UF3M
UF3A-UF3G
UF3J-UF3M
www.shunyegroup.com


Similar Part No. - UF3J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF3J PANJIT-UF3J Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
logo
Yea Shin Technology Co....
UF3J YEASHIN-UF3J Datasheet
44Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 to 1000 Volts CURR ENT - 3.0 Amperes
logo
Surge Components
UF3J SURGE-UF3J Datasheet
86Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 3.0 Ampere????
logo
Shanghai Shunye Electro...
UF3J SHUNYE-UF3J Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Transys Electronics
UF3J TRSYS-UF3J Datasheet
180Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
More results

Similar Description - UF3J

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
US2A SY-US2A Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shanghai Shunye Electro...
US1A SHUNYE-US1A Datasheet
244Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AF YIXIN-US2AF Datasheet
130Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US2AL HOTTECH-US2AL Datasheet
168Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US3AF HOTTECH-US3AF Datasheet
153Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Electronics ...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com