Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9312ZPI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9312ZPI
Description  E2POT??Nonvolatile Digital Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9312ZPI Datasheet(HTML) 1 Page - Xicor Inc.

  X9312ZPI Datasheet HTML 1Page - Xicor Inc. X9312ZPI Datasheet HTML 2Page - Xicor Inc. X9312ZPI Datasheet HTML 3Page - Xicor Inc. X9312ZPI Datasheet HTML 4Page - Xicor Inc. X9312ZPI Datasheet HTML 5Page - Xicor Inc. X9312ZPI Datasheet HTML 6Page - Xicor Inc. X9312ZPI Datasheet HTML 7Page - Xicor Inc. X9312ZPI Datasheet HTML 8Page - Xicor Inc. X9312ZPI Datasheet HTML 9Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
X9312
1
©Xicor, Inc. 1994, 1995 Patents Pending
Characteristics subject to change without notice
3865-2.4 12/1/95 T1/C0/D0 NS
E2POT™ is a trademark of Xicor, Inc.
DESCRIPTION
The Xicor X9312 is a solid state nonvolatile potentiom-
eter and is ideal for digitally controlled resistance trim-
ming.
The X9312 is a resistor array composed of 99 resistive
elements. Between each element and at either end are
tap points accessible to the wiper element. The position of
the wiper element is controlled by the
CS, U/D, and INC
inputs. The position of the wiper can be stored in nonvola-
tile memory and then be recalled upon a subsequent
power-up operation.
The resolution of the X9312 is equal to the maximum
resistance value divided by 99. As an example, for the
X9312U (50K
Ω) each tap point represents 505Ω.
All Xicor nonvolatile memories are designed and tested
for applications requiring extended endurance and data
retention.
FEATURES
Compatible with X9C102/103/104/503
Low Power CMOS
—Active Current, 3mA Max
—Standby Current, 1mA Max
99 Resistive Elements
—Temperature Compensated
±20% End to End Resistance Range
— 0 to +15V Range
100 Wiper Tap Points
—Wiper Positioned via Three-Wire Interface
—Similar to TTL Up/Down Counter
—Wiper Position Stored in Nonvolatile
Memory and Recalled on Power-Up
100 Year Wiper Position Data Retention
X9312Z = 1K
X9312W = 10K
X9312U = 50K
X9312T = 100K
FUNCTIONAL DIAGRAM
7-BIT
UP/DOWN
COUNTER
7-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
ONE-
HUNDRED
DECODER
RESISTOR
ARRAY
99
98
97
96
2
1
0
VL
VW
VH
U/D
INC
CS
VCC
GND
TRANSFER
GATES
3865 FHD F01
E2POT™ Nonvolatile Digital Potentiometer
X9312
Terminal Voltage 0V to +15V, 100 Taps
APPLICATION NOTES
A V AILABLE
AN42 • AN44–48 • AN50 • AN52 • AN53 • AN71 • AN73


Similar Part No. - X9312ZPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9312 INTERSIL-X9312 Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
X9312WP INTERSIL-X9312WP Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
X9312WPI INTERSIL-X9312WPI Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
X9312WS INTERSIL-X9312WS Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
X9312WSI INTERSIL-X9312WSI Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
More results

Similar Description - X9312ZPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com