Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X84641PI Datasheet(PDF) 10 Page - Xicor Inc.

Part # X84641PI
Description  uPort Saver EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84641PI Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X84641PI Datasheet HTML 6Page - Xicor Inc. X84641PI Datasheet HTML 7Page - Xicor Inc. X84641PI Datasheet HTML 8Page - Xicor Inc. X84641PI Datasheet HTML 9Page - Xicor Inc. X84641PI Datasheet HTML 10Page - Xicor Inc. X84641PI Datasheet HTML 11Page - Xicor Inc. X84641PI Datasheet HTML 12Page - Xicor Inc. X84641PI Datasheet HTML 13Page - Xicor Inc. X84641PI Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
X84161/641/129
10
Write Cycle Limits – X84161/641/129
7008 FRM T10
Notes: (5) tNVWC is the time from the falling edge of OE or CE (whichever occurs last) of the second read cycle in the “start nonvolatile write cycle”
sequence until the self-timed, internal nonvolatile write cycle is completed.
(6) Data is latched into the X84161/641/129 on the rising edge of CE or WE, whichever occurs first.
(7) Periodically sampled, but not 100% tested.
Symbol
Parameter
VCC = 5V ±10%
VCC = 2.5V – 5.5V VCC = 1.8V – 3.6V
Units
Min.
Max.
Min.
Max.
Min.
Max.
tNVWC
(5)
Nonvolatile Write Cycle Time
5
5
5
ms
tWC
Write Cycle Time
100
200
330
ns
tWP
WE Pulse Width
25
40
70
ns
tWPH
WE HIGH Recovery Time
65
150
200
ns
tCS
Write Setup Time
0
0
0
ns
tCH
Write Hold Time
0
0
0
ns
tCP
CE Pulse Width
25
40
70
ns
tCPH
CE HIGH Recovery Time
65
150
200
ns
tOES
OE HIGH Setup Time
25
25
50
ns
tOEH
OE HIGH Hold Time
25
25
50
ns
tDS
(6)
Data Setup Time
12
20
30
ns
tDH
(6)
Data Hold Time
5
5
5
ns
tWPSU
(7)
WP HIGH Setup
100
100
150
ns
tWPHD
(7)
WP HIGH Hold
100
100
150
ns


Similar Part No. - X84641PI

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X84641 ICMIC-X84641 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84641-1.8 ICMIC-X84641-1.8 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84641-2.5 ICMIC-X84641-2.5 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84641G ICMIC-X84641G Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84641G-1.8 ICMIC-X84641G-1.8 Datasheet
147Kb / 18P
   關Port Saver EEPROM
More results

Similar Description - X84641PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84256 XICOR-X84256 Datasheet
68Kb / 15P
   UPort Saver EEPROM
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84160 ICMIC-X84160 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
   Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
   Battery Saver
February 25, 2022
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
   BATTERY SAVER
logo
Glenair, Inc.
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
   Connector Saver
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
   Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
   Connector Saver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com