Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241YPI Datasheet(PDF) 8 Page - Xicor Inc.

Part # X9241YPI
Description  Quad E2POT??Nonvolatile Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241YPI Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X9241YPI Datasheet HTML 4Page - Xicor Inc. X9241YPI Datasheet HTML 5Page - Xicor Inc. X9241YPI Datasheet HTML 6Page - Xicor Inc. X9241YPI Datasheet HTML 7Page - Xicor Inc. X9241YPI Datasheet HTML 8Page - Xicor Inc. X9241YPI Datasheet HTML 9Page - Xicor Inc. X9241YPI Datasheet HTML 10Page - Xicor Inc. X9241YPI Datasheet HTML 11Page - Xicor Inc. X9241YPI Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
X9241
Cascade Mode
The X9241 provides a mechanism for cascading the
arrays. That is, the sixty-three resistor elements of one
array may be cascaded (linked) with the resistor ele-
ments of an adjacent array.
Cascade Control Bits
The data byte, for the three-byte commands, contains 6
bits (LSBs) for defining the wiper position plus two high
order bits, CM (Cascade Mode) and DW (Disable Wiper).
The state of CM enables or disables (normal operation)
cascade mode. When the CM bit of the WCR is set to “0”
the potentiometer is in the normal operation mode.
When the CM bit of the WCR is set to “1” the potentiometer
is cascaded with its adjacent higher order potentiometer.
For example; if bit 7 of WCR2 is set to “1”, pot 2 will be
cascaded to pot 3.
The state of DW enables or disables the wiper. When the
Figure 9. Cascading Arrays
DW bit of the WCR is set to “0” the wiper is enabled;
when set to “1” the wiper is disabled. If the wiper is
disabled, the wiper terminal will be electrically isolated
and float.
When operating in cascade mode VH, VL and the wiper
terminals of the cascaded arrays must be electrically
connected externally. All but one of the wipers must be
disabled. The user can alter the wiper position by writing
directly to the WCR or indirectly by transferring the
contents of the data registers to the WCR or by using the
Increment/Decrement command.
When using the Increment/Decrement command the
wiper position will automatically transition between
arrays. The current position of the wiper can be deter-
mined by reading the WCR registers; if the DW bit is “0”,
the wiper in that array is active. If the current wiper
position is to be maintained, a global XFR WCR to Data
Register command must be issued before power-down.
3864 ILL F16.1
VH0
VL0
VW0
VL1
VH1
VW1
VL2
VH2
VW2
VL3
VH3
VW3
POT 0
WCR0
POT 1
WCR1
POT 2
WCR2
POT 3
WCR3
EXTERNAL
CONNECTION
=


Similar Part No. - X9241YPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

Similar Description - X9241YPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Analog Devices
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com