Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9313TM Datasheet(PDF) 9 Page - Xicor Inc.

Part # X9313TM
Description  E2POT??Nonvolatile Digital Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9313TM Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X9313TM Datasheet HTML 2Page - Xicor Inc. X9313TM Datasheet HTML 3Page - Xicor Inc. X9313TM Datasheet HTML 4Page - Xicor Inc. X9313TM Datasheet HTML 5Page - Xicor Inc. X9313TM Datasheet HTML 6Page - Xicor Inc. X9313TM Datasheet HTML 7Page - Xicor Inc. X9313TM Datasheet HTML 8Page - Xicor Inc. X9313TM Datasheet HTML 9Page - Xicor Inc. X9313TM Datasheet HTML 10Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
X9313
9
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.20)
0.014 (0.35)
0.019 (0.49)
PIN 1
PIN 1 INDEX
0.010 (0.25)
0.020 (0.50)
0.050 (1.27)
0.188 (4.78)
0.197 (5.00)
0.004 (0.19)
0.010 (0.25)
0.053 (1.35)
0.069 (1.75)
(4X) 7
°
0.016 (0.410)
0.037 (0.937)
0.0075 (0.19)
0.010 (0.25)
0
° – 8°
X 45
°
3926 FHD F22.1
8-LEAD PLASTIC SMALL OUTLINE GULL WING PACKAGE TYPE S
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.250"
0.050" TYPICAL
0.050"
TYPICAL
0.030"
TYPICAL
8 PLACES
FOOTPRINT
PACKAGING INFORMATION


Similar Part No. - X9313TM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9313 INTERSIL-X9313 Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313 INTERSIL-X9313 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9313 RENESAS-X9313 Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
More results

Similar Description - X9313TM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com