Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9315WSI Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9315WSI
Description  E 2 POT TM Nonvolatile Digital Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9315WSI Datasheet(HTML) 4 Page - Xicor Inc.

  X9315WSI Datasheet HTML 1Page - Xicor Inc. X9315WSI Datasheet HTML 2Page - Xicor Inc. X9315WSI Datasheet HTML 3Page - Xicor Inc. X9315WSI Datasheet HTML 4Page - Xicor Inc. X9315WSI Datasheet HTML 5Page - Xicor Inc. X9315WSI Datasheet HTML 6Page - Xicor Inc. X9315WSI Datasheet HTML 7Page - Xicor Inc. X9315WSI Datasheet HTML 8Page - Xicor Inc. X9315WSI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
X9315
4
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .........................–65
°C to +135°C
Storage Temperature..............................–65
°C to +150°C
Voltage on CS, INC, U/D VH, VL and VCC
with Respect to VSS.................................. –1V to +7V
∆V = |VH–VL| .................................................................5V
Lead Temperature (Soldering 10 seconds)............. 300
°C
Wiper Current ...........................................................
±1mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
listed in the operational sections of this specification is
not implied.
ANALOG CHARACTERISTICS
Electrical Characteristics
Temperature under Bias.........................–65
°C to +135°C
End-to-End Resistance Tolerance ..........................
±20%
Power Rating at 25
°C ..............................................10mW
Wiper Current .................................................
±1mA Max.
Typical Wiper Resistance ............................ 400
Ω at 1mA
Typical Noise.................................. < –140dB
√ Hz Ref: 1V
Resolution
Resistance ................................................................... 3%
Linearity
Absolute Linearity(1)...........................................
±1.0 Ml(2)
Relative Linearity(3) ...........................................
±0.2 Ml(2)
Temperature Coefficient
(–40
°C to +85°C) ..............................+300 ppm/°C Typical
Ratiometric Temperature Coefficient ..................
±20 ppm
Wiper Adjustability
Unlimited Wiper Adjustment (Non-Store operation)
Wiper Position Store Operations .......................... 100,000
Physical Characteristics
Marking Includes
Manufacturer’s Trademark
Resistance Value or Code
Date Code
Test Circuit #2
6732 FM 5
FORCE
CURRENT
VL
VW
VH
TEST POINT
Test Circuit #1
6732 FM 4
TEST POINT
VW
VH
VL
Notes:
(1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage
= (Vw(n)(actual) – Vw(n)(expected)) = ±1 Ml Maximum.
(2) 1 Ml = Minimum Increment = RTOT/31.
(3) Relative Linearity is a measure of the error in step size between taps = VW(n+1) – [Vw(n) + Ml] = +0.2 Ml.


Similar Part No. - X9315WSI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9315WSI INTERSIL-X9315WSI Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
X9315WSI INTERSIL-X9315WSI Datasheet
347Kb / 16P
   Digitally Controlled Potentiometer (XDCP??
X9315WSI INTERSIL-X9315WSI Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
logo
Renesas Technology Corp
X9315WSI RENESAS-X9315WSI Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9315WSI-2.7 INTERSIL-X9315WSI-2.7 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
More results

Similar Description - X9315WSI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com