Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-311L-D Datasheet(PDF) 1 Page - Schurter Inc.

Part # R-311L-D
Description  Power Cord with IEC Connector C13, Angled
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

R-311L-D Datasheet(HTML) 1 Page - Schurter Inc.

  R-311L-D Datasheet HTML 1Page - Schurter Inc. R-311L-D Datasheet HTML 2Page - Schurter Inc. R-311L-D Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Cord Sets
3L
www.schurter.com/pg07_2
Connectors
Power Cord with IEC Connector C13, Angled
C13
70° C
Description
Power Supply Cord / Interconnection Cord, Protection class I, Pin tem-
perature 70 °C, Cable
Approvals
- UL License Number: E45116
- CSA License Number: 27325
References
General Product Information
Weblinks
Approvals, RoHS, CHINA-RoHS, Mating Connectors, e-Store,
Distributor-Stock-Check, Accessories
Technical Data
Ratings IEC
10 A / 250 VAC; 50 Hz
Ratings UL/CSA
10 A / 250 VAC; 60 Hz
Dielectric Strength
> 3 kVDC between L-N
> 1.5 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Temp.
-25 °C to 70 °C
Degree of Protection
from front side IP 20 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class 1 acc. to IEC 61140
Terminal
moulded
Material: Housing
PVC, black or grey
Connector
C13 acc. to IEC/EN 60320-2-2
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class 1
Dimensions
45 mm
18.2
38
ø 10


Similar Part No. - R-311L-D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
R-3 LUGUANG-R-3 Datasheet
286Kb / 3P
   Genral Purpose Plastic Rectifier
logo
Festo Corporation.
R-3-1/4-B FESTO-R-3-1/4-B Datasheet
87Kb / 1P
   Roller lever valve
4/8/22
R-3-M5 FESTO-R-3-M5 Datasheet
91Kb / 1P
   Roller lever valve
logo
Okaya Electric America,...
R-302BUZ OKAYA-R-302BUZ Datasheet
277Kb / 1P
   SURGE PROTECTOR
R-302BWZ OKAYA-R-302BWZ Datasheet
277Kb / 1P
   SURGE PROTECTOR
More results

Similar Description - R-311L-D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3011 SCHURTER-3011 Datasheet
379Kb / 3P
   Power Cord with IEC Connector C13, Angled
3013 SCHURTER-3013 Datasheet
412Kb / 3P
   Power Cord with IEC Connector C13, Angled
3012 SCHURTER-3012 Datasheet
385Kb / 3P
   Power Cord with IEC Connector C13, Angled
0311 SCHURTER-0311 Datasheet
391Kb / 3P
   Power Cord with IEC Connector C13, Angled
6000.0224 SCHURTER-6000.0224_18 Datasheet
301Kb / 3P
   Power Supply Cord with IEC Connector C13 angled, stripped end
6000.0224 SCHURTER-6000.0224_V01 Datasheet
320Kb / 3P
   Power Supply Cord with IEC Connector C13 angled, stripped end
3020 SCHURTER-3020 Datasheet
371Kb / 3P
   Power Cord with IEC Connector C13
6051.2188 SCHURTER-6051.2188 Datasheet
341Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
6051.2008 SCHURTER-6051.2008 Datasheet
341Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
6051.2068 SCHURTER-6051.2068 Datasheet
281Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com