Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9312TPM Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9312TPM
Description  E2POT??Nonvolatile Digital Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9312TPM Datasheet(HTML) 6 Page - Xicor Inc.

  X9312TPM Datasheet HTML 1Page - Xicor Inc. X9312TPM Datasheet HTML 2Page - Xicor Inc. X9312TPM Datasheet HTML 3Page - Xicor Inc. X9312TPM Datasheet HTML 4Page - Xicor Inc. X9312TPM Datasheet HTML 5Page - Xicor Inc. X9312TPM Datasheet HTML 6Page - Xicor Inc. X9312TPM Datasheet HTML 7Page - Xicor Inc. X9312TPM Datasheet HTML 8Page - Xicor Inc. X9312TPM Datasheet HTML 9Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
X9312
6
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
10ns
Input Reference Levels
1.5V
3865 PGM T05.1
MODE SELECTION
CS
INC
U/
D
Mode
L
H
Wiper Up
L
L
Wiper Down
H
X
Store Wiper Position
H
X
X
Standby
L
X
No Store, Return to
Standby
3865 PGM T06
A.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified)
Limits
Symbol
Parameter
Min.
Typ.(6)
Max.
Units
tCl
CS to INC Setup
100
ns
tlD
INC HIGH to U/D Change
100
ns
tDI
U/
D to INC Setup
1
µs
tlL
INC LOW Period
1
µs
tlH
INC HIGH Period
1
µs
tlC
INC Inactive to CS Inactive
1
µs
tCPH
CS Deselect Time
20
ms
tIW
INC to Vw Change
100
500
µs
tCYC
INC Cycle Time
4
µs
tR, tF(7)
INC Input Rise and Fall Time
500
µs
tPU(7)
Power up to Wiper Stable
500
µs
tR VCC(7)
VCC Power-up Rate
0.2
50
mV/
µs
3865 PGM T07.4
A.C. Timing
3865 FHD F03
Notes: (6) Typical values are for TA = 25°C and nominal supply voltage.
(7) This parameter is periodically sampled and not 100% tested.
(8) MI in the A.C. timing diagram refers to the minimum incremental change in the VW output due to a change in the wiper position.
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
(8)
tIC
tCPH
tF
tR
10%
90%
90%


Similar Part No. - X9312TPM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9312 INTERSIL-X9312 Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
X9312WP INTERSIL-X9312WP Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
X9312WPI INTERSIL-X9312WPI Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
X9312WS INTERSIL-X9312WS Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
X9312WSI INTERSIL-X9312WSI Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
More results

Similar Description - X9312TPM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com