Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241YSM Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9241YSM
Description  Quad E2POT??Nonvolatile Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241YSM Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9241YSM Datasheet HTML 2Page - Xicor Inc. X9241YSM Datasheet HTML 3Page - Xicor Inc. X9241YSM Datasheet HTML 4Page - Xicor Inc. X9241YSM Datasheet HTML 5Page - Xicor Inc. X9241YSM Datasheet HTML 6Page - Xicor Inc. X9241YSM Datasheet HTML 7Page - Xicor Inc. X9241YSM Datasheet HTML 8Page - Xicor Inc. X9241YSM Datasheet HTML 9Page - Xicor Inc. X9241YSM Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
X9241
Figure 7. Acknowledge Response from Receiver
Instruction Format
Instruction
I3
I2
I1
I0
P1
P0
R1
Ro
Operation
Read WCR
1
0
0
1
1/0(7)
1/0
N/A(8)
N/A
Read the contents of the Wiper Counter
Register pointed to by P1–P0
Write WCR
1
0
1
0
1/0
1/0
N/A
N/A
Write new value to the Wiper Counter
Register pointed to by P1–P0
Read Data
1
0
1
1
1/0
1/0
1/0
1/0
Read the contents of the Register
Register
pointed to by P1–P0 and R1–R0
Write Data
1
1
0
0
1/0
1/0
1/0
1/0
Write new value to the Register
Register
pointed to by P1–P0 and R1–R0
XFR Data Reg-
1
1
0
1
1/0
1/0
1/0
1/0
Transfer the contents of the Register
ister to WCR
pointed to by P1–P0 and R1–R0
to its associated WCR
XFR WCR to
1
1
1
0
1/0
1/0
1/0
1/0
Transfer the contents of the WCR
Data Register
pointed to by P1–P0 to the Register
pointed to by R1–R0
Global XFR Data
0
0
0
1
N/A
N/A
1/0
1/0
Transfer the contents of all four Data
Register to WCR
Registers pointed to by R1–R0 to their
respective WCR
Global XFR WCR
1
0
0
0
N/A
N/A
1/0
1/0
Transfer the contents of all WCRs
to Data Register
to their respective data Registers
pointed to by R1–R0
Increment/Decre-
0
0
1
0
1/0
1/0
N/A
N/A
Enable Increment/decrement of the
ment Wiper
WCR pointed to by P1–P0
3864 PGM T02.1
Table 1. Instruction Set
Notes: (7) 1/0 = data is one or zero
(8) N/A = Not applicable or don't care; that is, a data register is not involved in the operation and need not be addressed (typical)
3864 ILL F14
SCL FROM
MASTER
DATA
OUTPUT
FROM
TRANSMITTER
1
89
DATA
OUTPUT
FROM
RECEIVER
START
ACKNOWLEDGE


Similar Part No. - X9241YSM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

Similar Description - X9241YSM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Analog Devices
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com