Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9315WSI-2.7 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9315WSI-2.7
Description  E 2 POT TM Nonvolatile Digital Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9315WSI-2.7 Datasheet(HTML) 1 Page - Xicor Inc.

  X9315WSI-2.7 Datasheet HTML 1Page - Xicor Inc. X9315WSI-2.7 Datasheet HTML 2Page - Xicor Inc. X9315WSI-2.7 Datasheet HTML 3Page - Xicor Inc. X9315WSI-2.7 Datasheet HTML 4Page - Xicor Inc. X9315WSI-2.7 Datasheet HTML 5Page - Xicor Inc. X9315WSI-2.7 Datasheet HTML 6Page - Xicor Inc. X9315WSI-2.7 Datasheet HTML 7Page - Xicor Inc. X9315WSI-2.7 Datasheet HTML 8Page - Xicor Inc. X9315WSI-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
6732-2.0 5/30/97 T1/C0/D0 SH
1
Characteristics subject to change without notice
APPLICATION NOTE
A V A I L A B L E
Low Noise, Low Power, 32 Taps
X9315
E2POTTM Nonvolatile Digital Potentiometer
FEATURES
• Low Power CMOS
—VCC = 2.7V to 5.5V, Single Supply
—Active Current, 50
µA (Increment) max
—Active Current, 400
µA (Store) Max
—Standby Current, 1
µA Max
• Low Noise
• 31 Resistive Elements
—Temperature Compensated
± 20% End to End Resistance Range
—VSS to VCC Range
• 32 Wiper Tap Points
—Wiper Positioned via Three-Wire Interface
—Similar to TTL Up/Down Counter
—Wiper Position Stored in Nonvolatile Memory
and Recalled on Power-Up
• 100 Year Wiper Position Data Retention
• X9315Z = 1K
• X9315W = 10K
• Packages
—8-Lead SOIC
—8-Lead MSOP
—8-Pin DIP
DESCRIPTION
The Xicor X9315 is a solid state "micropower" nonvol-
atile potentiometer and is ideal for digitally controlled
resistance trimming.
The X9315 is a resistor array composed of 31 resistive
elements. Between each element and at either end are
tap points accessible to the wiper element. The posi-
tion of the wiper element is controlled by the CS, U/D,
and INC inputs. The position of the wiper can be stored
in nonvolatile memory and then be recalled upon a sub-
sequent power-up operation.
The resolution of the X9315 is equal to the maximum
resistance value divided by 31. As an example, for the
X9315W (10K
Ω) each tap point represents 323Ω.
All Xicor nonvolatile digital potentiometers are de-
signed and tested for applications requiring extended
endurance and data retention.
FUNCTIONAL DIAGRAM
5-BIT
UP/DOWN
COUNTER
5-BIT
NONVOLATILE
MEMORY
STOREAND
RECALL
CONTROL
CIRCUITRY
ONE
OF
THIRTY-
TWO
WIPER
POSITION
DECODER
RESISTOR
ARRAY
VL
VW
VH
U/D
INC
CS
CMOS SWITCH
6732 FM1
E2POT™ is a trademark of Xicor, Inc.
AN104


Similar Part No. - X9315WSI-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9315WSI-2.7 INTERSIL-X9315WSI-2.7 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
logo
Renesas Technology Corp
X9315WSI-2.7T1 RENESAS-X9315WSI-2.7T1 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9315WSI-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com