Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP56 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BCP56
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCP56 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BCP56 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT223 NPN SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 3 – AUGUST 1995
7
FEATURES
* Suitable for AF drivers and output stages
* High collector current and Low VCE(sat)
COMPLEMENTARY TYPE – BCP53
PARTMARKING DETAILS –
BCP56
BCP56 – 10
BCP56 – 16
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
1.5
A
Continuous Collector Current
IC
1A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
100
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
80
V
IC= 10mA *
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=10µA
Collector Cut-Off
Current
ICBO
100
20
nA
µ
A
VCB=30V
VCB=30V, Tamb=150°C
Emitter Cut-Off Current IEBO
10
µ
A
VEB=5V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.5
V
IC=500mA, IB=50mA*
Base-Emitter Turn-On
Voltage
VBE(on)
1.0
V
IC=500mA, VCE=2V*
Static Forward Current
Transfer Ratio
hFE
BCP56-10
BCP56-16
40
25
63
100
100
160
250
160
250
IC=150mA, VCE=2V*
IC=500mA, VCE=2V*
IC=150mA, VCE=2V*
IC=150mA, VCE=2V*
Transition Frequency
fT
125
MHz
IC=50mA, VCE=10V,
f=100MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
BCP56
C
C
E
B
3 - 18


Similar Part No. - BCP56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP56 PHILIPS-BCP56 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Diodes Incorporated
BCP56 DIODES-BCP56 Datasheet
131Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
logo
Shanghai Leiditech Elec...
BCP56 LEIDITECH-BCP56 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
STMicroelectronics
BCP56 STMICROELECTRONICS-BCP56 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
logo
NXP Semiconductors
BCP56 NXP-BCP56 Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9-25 October 2011
More results

Similar Description - BCP56

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3053 SEME-LAB-2N3053_02 Datasheet
41Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
   NPN Silicon Planar Medium Power Transistor
logo
Seme LAB
ZT91 SEME-LAB-ZT91_01 Datasheet
52Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Diodes Incorporated
ZTX449 DIODES-ZTX449_15 Datasheet
61Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com