Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT450A Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # LT450A
Description  LTA 450kHz~470kHz Ceramic Filters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT450A Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  LT450A Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LT450A Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LT450A Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
LTA 450kHz~470kHz Ceramic Filters
Dimensions
Technical Characteristics
7.0
3.6
2.5
Output
2.5
② ③
Input
Ground
LT
465A
50
40
30
20
10
0
LT465A
455
465
475
Frequency(KHz)
Part
Number
Center
Frequency
(fo)(kHz)
Insertion
Loss
(dB)max
6dB Band
Width
(kHz)min
Spurious
Attenuation
(fo±100kHz)(dB)min
Selectivity
±9kHz off
(dB)min
Pass Band
Ripple
(dB)max
Input/Output
Impedance
(Ω)
LT450A
450±2
3
8
12
11
1
2
LT455A
455±2
3
8
12
11
1
2
LT465A
465±2
3
8
12
11
1
2
Note: Center Frequency (fo) is available in a range of 450 ~ 470kHz.
The nominal frequency tolerance is ± 2kHz.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LT450A

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LT450AU AURIS-LT450AU Datasheet
130Kb / 1P
   Filter THT
LT450AU AURIS-LT450AU Datasheet
196Kb / 1P
   Filter THT, Ceramic
LT450AW AURIS-LT450AW Datasheet
133Kb / 1P
   Filter THT
LT450AW AURIS-LT450AW Datasheet
256Kb / 1P
   Filter THT, Ceramic
More results

Similar Description - LT450A

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
LTU455B2 AEL-LTU455B2 Datasheet
1Mb / 2P
   Ceramic Filter 455kHz or 450kHz
logo
EUROQUARTZ limited
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
   CERAMIC FILTERS
LZU450C EUROQUARTZ-LZU450C Datasheet
35Kb / 1P
   CERAMIC FILTERS
logo
List of Unclassifed Man...
CFU455B2 ETC-CFU455B2 Datasheet
57Kb / 2P
   CERAMIC FILTERS
logo
EUROQUARTZ limited
L10.7 EUROQUARTZ-L10.7 Datasheet
45Kb / 1P
   CERAMIC FILTERS
LPU-B EUROQUARTZ-LPU-B Datasheet
53Kb / 1P
   CERAMIC FILTERS
LPB-J EUROQUARTZ-LPB-J Datasheet
50Kb / 1P
   CERAMIC FILTERS
logo
Murata Manufacturing Co...
SAFC162MC70N MURATA-SAFC162MC70N Datasheet
150Kb / 5P
   CERAMIC MICROWAVE FILTERS SAW FILTERS
logo
TOKO, Inc
CFM2 TOKO-CFM2 Datasheet
96Kb / 1P
   AM CERAMIC FILTERS
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
   FM CERAMIC FILTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com