Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24F032VI-5 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X24F032VI-5
Description  SerialFlash TM Memory with Block Lock TM Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24F032VI-5 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X24F032VI-5 Datasheet HTML 5Page - Xicor Inc. X24F032VI-5 Datasheet HTML 6Page - Xicor Inc. X24F032VI-5 Datasheet HTML 7Page - Xicor Inc. X24F032VI-5 Datasheet HTML 8Page - Xicor Inc. X24F032VI-5 Datasheet HTML 9Page - Xicor Inc. X24F032VI-5 Datasheet HTML 10Page - Xicor Inc. X24F032VI-5 Datasheet HTML 11Page - Xicor Inc. X24F032VI-5 Datasheet HTML 12Page - Xicor Inc. X24F032VI-5 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
X24F064/032/016
9
PROGRAM PROTECT REGISTER
The Program Protect Register (PPR) is accessed at the
highest address of each device:
X24F064 = 1FFF
X24F032 = 0FFF
X24F016 = 07FF
Figure 10. Program Protect Register
PPR.1 = WEL
Write Enable Latch (Volatile)
0 = Write enable latch reset, programming disabled
1 = Write enable latch set, programming enabled
If WEL = 0 then “no ACK” after first byte of input data.
PPR.2 = RWEL
Register Write Enable Latch (Volatile)
0 = Register write enable latch reset, programming
disabled
1 = Register write enable latch set, programming
enabled
PPR.3, PPR.4 = BL0, BL1
Block Lock Bits (Nonvolatile)
(See Block Lock Bits section for definition)
PPR.7 = PPEN
Programming Protect Enable Bit (Nonvolatile)
(See Programmable Hardware Program Protect sec-
tion for definition)
Writing to the Program Protect Register
The Program Protect Register is written by performing
a write of one byte directly to the highest address loca-
tion. During normal Sector Programming, the byte in
the array at the highest address will be written instead
of the Program Protect Register (assuming program-
ming is not disabled by the Block Lock register).
The state of the Program Protect Register can be read
by performing a random read at the highest address
location at any time. If a sequential read starting at any
7
6
5
4
3
2
1
0
PPEN
0
0
BL1
BL0
RWEL
WEL
0
6686 ILL F15
other address than the highest address location is
performed, the contents of the byte in the array at the
highest address location is read out instead of the
Program Protect Register.
WEL and RWEL are volatile latches that power-up in
the LOW (disabled) state. A write to any address other
than the highest address location, where the Program
Protect Register is located, will be ignored (no ACK)
until the WEL bit is set HIGH. The WEL bit is set by
writing 0000001x to the highest address location.
Once set, WEL remains HIGH until either reset (by
writing 00000000 to the highest address location) or
until the part powers-up again. The RWEL bit controls
writes to the Block Lock bits. RWEL is set by first
setting WEL = 1 and then writing 0000011x to the
highest address location. RWEL must be set in order
to change the Block Lock bits (BL0 and BL1) or the
PPEN bit. RWEL is reset when the Block Lock or
PPEN bits are changed, or when the part powers-up
again.
Programming the BL or PPEN Bits
A three step sequence is required to change the
nonvolatile Block Lock or Program Protect Enable:
1) Set WEL = 1 (write 00000010 to the highest
address location, volatile write cycle)
(Start)
2) Set RWEL = 1 (write 00000110 to the highest
address location, volatile write cycle)
(Start)
3) Set BL1, BL0, and/or PPEN bits (Write w00yz010 to
the highest address location)
w = PPEN, y = BL1, Z = BL0,
(Stop)
Step 3 is a nonvolatile program cycle, requiring 10ms
to complete. RWEL is reset (0) by this program cycle,
requiring another program cycle to set RWEL again
before the Block Lock bits can be changed. RWEL
must be 0 in step 3; if w00yz110 is written to the
highest address location, RWEL is set but PPEN,
BL1 and BL0 are not changed (the device remains at
step 2).


Similar Part No. - X24F032VI-5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P XICOR-X24F128P Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128P-5 XICOR-X24F128P-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE XICOR-X24F128PE Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X24F128PE-5 XICOR-X24F128PE-5 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
More results

Similar Description - X24F032VI-5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
X24F128 XICOR-X24F128 Datasheet
80Kb / 16P
   2-Wire SerialFlash with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com