Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256SMB-90 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X28HC256SMB-90
Description  5 Volt, Byte Alterable E2PROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HC256SMB-90 Datasheet(HTML) 5 Page - Xicor Inc.

  X28HC256SMB-90 Datasheet HTML 1Page - Xicor Inc. X28HC256SMB-90 Datasheet HTML 2Page - Xicor Inc. X28HC256SMB-90 Datasheet HTML 3Page - Xicor Inc. X28HC256SMB-90 Datasheet HTML 4Page - Xicor Inc. X28HC256SMB-90 Datasheet HTML 5Page - Xicor Inc. X28HC256SMB-90 Datasheet HTML 6Page - Xicor Inc. X28HC256SMB-90 Datasheet HTML 7Page - Xicor Inc. X28HC256SMB-90 Datasheet HTML 8Page - Xicor Inc. X28HC256SMB-90 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
X28HC256
5
LOAD ACCUM
FROM ADDR n
COMPARE
ACCUM WITH
ADDR n
X28HC256
READY
COMPARE
OK?
NO
YES
LAST WRITE
YES
THE TOGGLE BIT I/O6
Figure 4. Toggle Bit Bus Sequence
CE
OE
WE
I/O6
X28HC256
READY
VOH
VOL
LAST
WRITE
HIGH Z
* I/O6 beginning and ending state of I/O6 will vary.
*
*
3859 FHD F14
Figure 5. Toggle Bit Software Flow
The Toggle Bit can eliminate the software housekeeping
chore of saving and fetching the last address and data
written to a device in order to implement
DATA Polling.
This can be especially helpful in an array comprised of
multiple X28HC256 memories that is frequently up-
dated. The timing diagram in Figure 4 illustrates the
sequence of events on the bus. The software flow
diagram in Figure 5 illustrates a method for polling the
Toggle Bit.
3859 FHD F15


Similar Part No. - X28HC256SMB-90

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256SM-12 INTERSIL-X28HC256SM-12 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Rochester Electronics
X28HC256SM-12, ROCHESTER-X28HC256SM-12, Datasheet
977Kb / 21P
   LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
logo
Intersil Corporation
X28HC256SM-15 INTERSIL-X28HC256SM-15 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
X28HC256SM-15 INTERSIL-X28HC256SM-15 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256SMB-90

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com