Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS25JTRRS1R00 Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # CS25JTRRS1R00
Description  CS Current Detecting Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

CS25JTRRS1R00 Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

  CS25JTRRS1R00 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. CS25JTRRS1R00 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. CS25JTRRS1R00 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. CS25JTRRS1R00 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. CS25JTRRS1R00 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. CS25JTRRS1R00 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. CS25JTRRS1R00 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. CS25JTRRS1R00 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
08 of 08
How to Order
12
J
TR
CS
G
A
R100
N
Code
Dimensions (L×W)
01
0.58×0.29
0201
02
1.00×0.50mm
0402
03
1.60×0.80mm
0603
05
2.00×1.25mm
0805
06
3.10×1.55mm
1206
13
3.00×2.50
1210
10
5.00×2.50mm
2010
12
6.30×3.10mm
2512
25
3.10×6.30mm
1225
37
3.75×2.00mm
3720
75
7.50×2.00mm
7520
Part Number
Dimensions (L×W)
Code
Resistance Tolerance
J
±5%
G
±2%
F
±1%
Resistance Tolerance
Packaging
Code
Packaging
TR
Taping Reel
P
Bulk
TCR
Code
TCR
E
±100ppm/°C
K
±150ppm/°C
F
±200ppm/°C
G
±300ppm/°C
H
±400ppm/°C
J
±600ppm/°C
R
±1000ppm/°C
Power Rating
Code
Power Rating
S
2W
A
1.5W
T
1W
Q
3/4W
U
1/2W
V
1/4W
W
1/8W
Resistance
Code
Resistance
R010
0.01Ω
R100
0.100Ω
1R00
1.000Ω
Marking
Code
Resistance
Standard
N
No Marking
CS Current Detecting Chip Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - Surface Mount Current Detecting Resistors (CS)
Version 2010


Similar Part No. - CS25JTRRS1R00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS25 ETC-CS25 Datasheet
1Mb / 3P
   CURRENT SENSING CHIP RESISTROS
logo
Tyco Electronics
CS250 MACOM-CS250 Datasheet
100Kb / 1P
   SPECIFICATION CONTROL DRAWING
logo
Cherry Semiconductor Co...
CS2516 CHERRY-CS2516 Datasheet
143Kb / 6P
   Pulse-Load Battery Monitor
CS2516KD8 CHERRY-CS2516KD8 Datasheet
143Kb / 6P
   Pulse-Load Battery Monitor
CS2516KDR8 CHERRY-CS2516KDR8 Datasheet
143Kb / 6P
   Pulse-Load Battery Monitor
More results

Similar Description - CS25JTRRS1R00

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TSL1TTE KOA-TSL1TTE Datasheet
98Kb / 6P
   Current Detecting Chip Resistors
BPR KOA-BPR Datasheet
378Kb / 2P
   Power type current detecting resistors
logo
HOKURIKU ELECTRIC INDUS...
E0119AA HOKURIKU-E0119AA Datasheet
44Kb / 1P
   Current Detecting Plate Chip Resistor
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com