Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCPWCH05 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TCPWCH05
Description  TCPWC EMI Filters SMD Choke
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCPWCH05 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TCPWCH05 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCPWCH05 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCPWCH05 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCPWCH05 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCPWCH05 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCPWCH05 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
02 of 06
Configurations & Dimensions
Electrical Characteristics
Version 2010
Enamel-insulated wire
TCPWCH
H K
I
J
I
K
A
F
E
E
B
G
C
TYPE
A
B
C
E
F
G
H
I
J
K
TCPWCH05
2.0±0.2
1.2±0.2
1.2±0.2
0.45
1.2
0.4
0.8
0.4
0.4
0.90
TCPWCH06
3.2±0.2
1.6±0.2
1.8±0.2
0.60
2.0
0.6
1.6
0.6
0.4
1.05
Part Number
Impedance
(Ω) 100MHz
DCR
(Ω)(max)
Rated Current
(mA)(max)
Rated Voltage
(V)(DC)
Withstanding
Voltage (V)(DC)
Insulation
Resistance
(MΩ)(min)
TCPWCH05MT670
67
0.25
400
50
125
10
TCPWCH05MT900
90
0.35
330
50
125
10
TCPWCH05MT121
120
0.30
370
50
125
10
TCPWCH05MT181
180
0.35
330
50
125
10
TCPWCH05MT201
200
0.35
330
50
125
10
TCPWCH05MT261
260
0.40
300
50
125
10
TCPWCH05MT371
370
0.40
280
50
125
10
TCPWCH06MT900
90
0.30
370
50
125
10
TCPWCH06MT161
160
0.40
340
50
125
10
TCPWCH06MT261
260
0.50
310
50
125
10
TCPWCH06MT601
600
0.80
260
50
125
10
TCPWCH06MT102
1000
1.00
230
50
125
10
TCPWCH06MT222
2200
1.20
200
50
125
10
Note: Operating Temp.: -40°C+85°C.
TCPWC EMI Filters SMD Choke
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCPWCH05

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCPWCH05MT121 TOKEN-TCPWCH05MT121 Datasheet
646Kb / 23P
   Balun Transformer General Information
TCPWCH05MT181 TOKEN-TCPWCH05MT181 Datasheet
646Kb / 23P
   Balun Transformer General Information
TCPWCH05MT201 TOKEN-TCPWCH05MT201 Datasheet
646Kb / 23P
   Balun Transformer General Information
TCPWCH05MT261 TOKEN-TCPWCH05MT261 Datasheet
646Kb / 23P
   Balun Transformer General Information
TCPWCH05MT371 TOKEN-TCPWCH05MT371 Datasheet
646Kb / 23P
   Balun Transformer General Information
More results

Similar Description - TCPWCH05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com