Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP84R1200-03 Datasheet(PDF) 10 Page - Token Electronics Industry Co., Ltd.

Part # BP84R1200-03
Description  DF-B Dielectric Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

BP84R1200-03 Datasheet(HTML) 10 Page - Token Electronics Industry Co., Ltd.

Back Button BP84R1200-03 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. BP84R1200-03 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. BP84R1200-03 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. BP84R1200-03 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. BP84R1200-03 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. BP84R1200-03 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. BP84R1200-03 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. BP84R1200-03 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. BP84R1200-03 Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10 of 19
DF 3 or Multi-Pole Dielectric Filters
Preview
The dielectric filter technology based on high Dielectric Constant (K) ceramic material has been contributing
great size reduction of a mobile telecommunication equipment, especially cellular handset and base station. That
is superior in electrical performances and reliability. Furthermore it has good mass productivity and low cost.
Token (DF) dielectric filters’ highly sophisticated multi-pole design ensures high attenuation and good selectivity.
The (DF) multi-pole series filter’s small size (8.6 x 9.0 x 3.0 mm) means they require more less mounting space
with a ripple of 1.0 dB max. Insertion loss is from 2.0 ~ 3.5 (dB) max. Center frequency range from 860 MHz to
5800 MHz with V.S.W.R 2.0 max.
Coaxial dielectric filter is the most popular and commercially successful technology. Token takes this advance
technology to manufacture coaxial type duplexer. This features high unloaded Q, excellent high power
performance, flexible design capability, size reduction, low profile, and lighter weight.
Surface mount multi-pole (DF) serise RF filter package is suitable for automatic pick and place equipment which
assures mechanical stability and excellent lead coplanarity. Custom designs and tighter tolerances are available
on request. Products conform to the RoHS directive.
Token will also produce devices outside these specifications to meet specific customer requirements, please
contact our sales for more information.
Dielectric Filters
(DF 3 or Multi-Pole)
Dielectric Filters (DF) 3 or multi-pole range up to 5.8GHz
Features
- MBP 42R Series.
- Murata DFC Series Compatible.
- Application for CT1, CT2, 900MH, 1.8GHz, 2.4G WLL Cordless phone.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - BP84R1200-03

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP8-005 FRONTIER-BP8-005 Datasheet
56Kb / 2P
   8A BRIDGE RECTIFIER
BP8-01 FRONTIER-BP8-01 Datasheet
56Kb / 2P
   8A BRIDGE RECTIFIER
BP8-02 FRONTIER-BP8-02 Datasheet
56Kb / 2P
   8A BRIDGE RECTIFIER
BP8-04 FRONTIER-BP8-04 Datasheet
56Kb / 2P
   8A BRIDGE RECTIFIER
BP8-06 FRONTIER-BP8-06 Datasheet
56Kb / 2P
   8A BRIDGE RECTIFIER
More results

Similar Description - BP84R1200-03

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
DF2C820P20 AEL-DF2C820P20 Datasheet
124Kb / 1P
   Dielectric Devices Dielectric Filters (DF)
logo
TOKO, Inc
6DFA TOKO-6DFA Datasheet
110Kb / 1P
   Dielectric Filters
6DFC TOKO-6DFC Datasheet
102Kb / 1P
   Dielectric Filters
6DFSD TOKO-6DFSD Datasheet
136Kb / 1P
   Dielectric Filters
WDFM TOKO-WDFM Datasheet
152Kb / 1P
   Dielectric Waveguide Filters
logo
Raltron Electronics Cor...
RCFA1-836BP2 RALTRON-RCFA1-836BP2 Datasheet
138Kb / 7P
   Dielectric Ceramic Filters and Duplexers
logo
TOKO, Inc
4DFA TOKO-4DFA Datasheet
165Kb / 3P
   Dielectric Filters for Surface Mounting
logo
KEC(Korea Electronics)
DF06 KEC-DF06 Datasheet
21Kb / 1P
   DF PACKAGE
logo
List of Unclassifed Man...
DF2-DC ETC2-DF2-DC Datasheet
392Kb / 2P
   DF-RELAY
logo
Tyco Electronics
20ESB6 MACOM-20ESB6 Datasheet
179Kb / 4P
   High Performance B Series RFI Line Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com