Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS01FPDSR010 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TCS01FPDSR010
Description  TCS Current Sense Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCS01FPDSR010 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TCS01FPDSR010 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCS01FPDSR010 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCS01FPDSR010 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCS01FPDSR010 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCS01FPDSR010 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
01 of 05
Preview
The trend towards smaller handheld and portable electronics equipment has also increased the need for ultra
small current sensing resistors. Devices from the Token Electronics’ TCS series use a thin film construction that
enables them to achieve precision resistance tolerances, low noise and long-term stability.
The Token TCS Series precision resistors are nichrome thin film chip resistors with a temperature coefficient of
resistance of just ±50PPM/°C and tolerances of ±0.5%.
They offer excellent stability at high frequencies and are suitable for operating high voltages with more options
in the smaller form sizes of 0402, 0603, 0402, 0805, 1206, 2010, and 2512.
The full range of values is from 50mΩ to 1Ω. This low ohmic devices are particularly suited to car engine
management units to act as current sensing shunt resistors.
The TCS series is fully RoHS compliant and is supplied in tape and reel packaging ready for use with automated
assembly processes.
Contact us with your specific needs.
TCS Current Sense Chip Resistors
TCS Surface Mount Resistors Make Sense of Current
Thin Film
Current Sense
Chip Resistors
Features
- Thin Film Process.
- Resistance Values from 50mΩ to 1Ω.
- Very Tight Tolerance from ±1% to ±0.5%.
- RoHS Requirments with Pb-free Terminations.
- Extremely Low TCR from ±200 PPM/°C to ±50PPM/°C.
- High Purity Alumina Substrate for High Power Dissipation.
Applications
- Voltage Regulation Module (VRM),
- Portable Devices (PDA, Cell phone),
- Disk Driver, Switching Power Supply,
- Over Current Protection in Audio Application,
- DC-DC Converter, Battery Pack, Charger, Adaptor,
- Automotive Engine Control, Power Management Applications
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Version 2010


Similar Part No. - TCS01FPDSR010

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCS02DPDR1R00N TOKEN-TCS02DPDR1R00N Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
TCS02DPDRR010N TOKEN-TCS02DPDRR010N Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
TCS02DPDRR100N TOKEN-TCS02DPDRR100N Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
TCS02DPER1R00N TOKEN-TCS02DPER1R00N Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
TCS02DPERR010N TOKEN-TCS02DPERR010N Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
More results

Similar Description - TCS01FPDSR010

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Bourns Electronic Solut...
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
   Current Sense Resistors
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
   CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
logo
Token Electronics Indus...
OAR1R01JP TOKEN-OAR1R01JP Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
IRC - a TT electronics ...
LVC-LVC0402LF-R020-F IRCTT-LVC-LVC0402LF-R020-F Datasheet
247Kb / 4P
   Miniature Current Sense Surface Mount Chip Resistors
logo
List of Unclassifed Man...
SR10 ETC2-SR10 Datasheet
327Kb / 1P
   Precision Current Sense Resistors
logo
Ohmite Mfg. Co.
TGHG OHMITE-TGHG Datasheet
345Kb / 2P
   Precision Current Sense Resistors
TGHGCR0005FE OHMITE-TGHGCR0005FE Datasheet
106Kb / 1P
   Precision Current Sense Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com