Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRC12JTREA0M75 Datasheet(PDF) 50 Page - Token Electronics Industry Co., Ltd.

Part # LRC12JTREA0M75
Description  Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRC12JTREA0M75 Datasheet(HTML) 50 Page - Token Electronics Industry Co., Ltd.

Back Button LRC12JTREA0M75 Datasheet HTML 46Page - Token Electronics Industry Co., Ltd. LRC12JTREA0M75 Datasheet HTML 47Page - Token Electronics Industry Co., Ltd. LRC12JTREA0M75 Datasheet HTML 48Page - Token Electronics Industry Co., Ltd. LRC12JTREA0M75 Datasheet HTML 49Page - Token Electronics Industry Co., Ltd. LRC12JTREA0M75 Datasheet HTML 50Page - Token Electronics Industry Co., Ltd. LRC12JTREA0M75 Datasheet HTML 51Page - Token Electronics Industry Co., Ltd. LRC12JTREA0M75 Datasheet HTML 52Page - Token Electronics Industry Co., Ltd. LRC12JTREA0M75 Datasheet HTML 53Page - Token Electronics Industry Co., Ltd. LRC12JTREA0M75 Datasheet HTML 54Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
How to Order
5
R005
F
LRD
LRD Open Air Four-terminal Resistors
TOKEN
P
Characteristic Specification
R
1
3
2
4
TERMINALS 2 & 3 CURRENT TRACES.
TERMINALS 1 & 4 SENSE TRACES.
KELVIN ELECTRICAL CONNECTION
Test Items
Test Method
Specification
Operating Temperature Range
-55°C ~ 125°C
Maximum Working Voltage
(P40°C x R)1/2
Terminal Tensile Strength
50N, 10s
ΔR≤±1.0%R
Withstand Voltage
1000V, 1 Min.
No damage on the appearance.
Short Time Overload
5 times rated power, 5s
ΔR≤±4.0%R
Thermal Shock
-55°C~+125°C, 5 cycles, 30 min.
ΔR≤±5.0%R
Load Life
70°C, 1000h 1.5 hours on, 0.5 hours off. ΔR≤±5.0%R
Part Number: LRD
Rated power
Resistance Value (Ω)
Tolerance %
Code
Rated power
1
1 Watt
3
3 Watt
5
5 Watt
7
7 Watt
10
10 Watt
Code
Resistance Value (Ω)
R005
0.005Ω
R05
0.05Ω
R1
0.1Ω
Back to 1st Page - Open Air Four-terminal Resistors (LRD)
Code
Tolerance %
D
±0.5%
F
±1%
G
±2%
J
±5%
Package-Code
Code
Package-Code
P
Bulk
48 of 56
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LRC12JTREA0M75

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRC12JTREA0M75G TOKEN-LRC12JTREA0M75G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
More results

Similar Description - LRC12JTREA0M75

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Vishay Siliconix
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
   CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
   Current Sense Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com