Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCPWCH06MT222 Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # TCPWCH06MT222
Description  TCPWC EMI Filters SMD Choke
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCPWCH06MT222 Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  TCPWCH06MT222 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCPWCH06MT222 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCPWCH06MT222 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCPWCH06MT222 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCPWCH06MT222 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCPWCH06MT222 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
06 of 06
Version 2010
Part Number: TCPWCH05, TCPWCH06
How to Order
H
TCPWC
05
M
TR
900
Code
Shielding Type
H
Shielding
Shielding Type
Dimensions (L×W) (mm)
Code
Dimensions(L×W)
EIA
05
2.10×1.20
EIA0805
06
3.20×1.50
1206
Impedance Tolerance: M (±20%)
Code
Packaging
TR
Taping Reel
p
Bulk
Packaging
Impedance
Code
Impedance
900
90Ω
121
120Ω
102
1000Ω
222
2200Ω
TCPWC EMI Filters SMD Choke
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Back to 1st Page - EMI Filters SMD Common Mode Choke (TCPWC)


Similar Part No. - TCPWCH06MT222

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCPWCH06MT222 TOKEN-TCPWCH06MT222 Datasheet
646Kb / 23P
   Balun Transformer General Information
More results

Similar Description - TCPWCH06MT222

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com