Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS10FTRFSR010 Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # TCS10FTRFSR010
Description  TCS Current Sense Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCS10FTRFSR010 Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TCS10FTRFSR010 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCS10FTRFSR010 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCS10FTRFSR010 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCS10FTRFSR010 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCS10FTRFSR010 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Paper Tape Specifications
05 of 05
T
Bottom Tape
Paper Tape
Top Tape
Resistor
A
B
Φ D0
P1
P2 P0
E
F
W
direction of unreeling
Type
A
B
W
E
F
P0
P1
P2
ΦD0
T
TCS02
0.70±0.05 1.16±0.05 8.00±0.10
1.75±0.05 3.50±0.05
4.00±0.10 2.00±0.10 2.00±0.05 1.55±0.05
0.40±0.03
TCS03
1.10±0.05 1.90±0.05 8.00±0.10
1.75±0.05 3.50±0.05
4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05
0.60±0.03
TCS05
1.60±0.05 2.37±0.05 8.00±0.10
1.75±0.05 3.50±0.05
4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05
0.75±0.05
TCS06
2.00±0.05 3.55±0.05 8.00±0.10
1.75±0.05 3.50±0.05
4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05
0.75±0.05
How to Order
02
D
TR
TCS
E
1R00
N
Code
Dimensions (L×W)
01
0.58×0.29mm
0201
02
1.00×0.50mm
0402
03
1.60×0.80mm
0603
05
2.00×1.25mm
0805
06
3.10×1.55mm
1206
13
3.00×2.50mm
1210
10
5.00×2.50mm
2010
12
6.30×3.10mm
2512
25
3.10×6.30mm
1225
37
3.75×2.00mm
3720
75
7.50×2.00mm
7520
Part Number
Dimensions (L×W)
Code
Resistance Tolerance
J
±5%
g
±2%
F
±1%
Resistance Tolerance
Packaging
Code
Packaging
TR
Taping Reel
P
Bulk
TCR
Code
TCR
D
±50PPM/°C
E
±100PPM/°C
F
±200PPM/°C
Power Rating
Code
Power Rating
S
2W
A
1.5W
T
1W
Q
3/4W
U
1/2W
V
1/4W
W
1/8W
Resistance
Code
Resistance
R010
0.010Ω
R100
0.100Ω
1R00
1.000Ω
Marking
Code
Standard Marking
Standard
N
No Marking
TCS Current Sense Chip Resistors
Back to 1st Page - Chip Current Sense Resistors (TCS)
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Version 2010


Similar Part No. - TCS10FTRFSR010

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCS10FTRFR1R00N TOKEN-TCS10FTRFR1R00N Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
TCS10FTRFRR010N TOKEN-TCS10FTRFRR010N Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
TCS10FTRFRR100N TOKEN-TCS10FTRFRR100N Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
More results

Similar Description - TCS10FTRFSR010

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Bourns Electronic Solut...
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
   Current Sense Resistors
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
   CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
logo
Token Electronics Indus...
OAR1R01JP TOKEN-OAR1R01JP Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
IRC - a TT electronics ...
LVC-LVC0402LF-R020-F IRCTT-LVC-LVC0402LF-R020-F Datasheet
247Kb / 4P
   Miniature Current Sense Surface Mount Chip Resistors
logo
List of Unclassifed Man...
SR10 ETC2-SR10 Datasheet
327Kb / 1P
   Precision Current Sense Resistors
logo
Ohmite Mfg. Co.
TGHG OHMITE-TGHG Datasheet
345Kb / 2P
   Precision Current Sense Resistors
TGHGCR0005FE OHMITE-TGHGCR0005FE Datasheet
106Kb / 1P
   Precision Current Sense Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com