Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRC06JTRWR0M75 Datasheet(PDF) 22 Page - Token Electronics Industry Co., Ltd.

Part # LRC06JTRWR0M75
Description  Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRC06JTRWR0M75 Datasheet(HTML) 22 Page - Token Electronics Industry Co., Ltd.

Back Button LRC06JTRWR0M75 Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. LRC06JTRWR0M75 Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. LRC06JTRWR0M75 Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. LRC06JTRWR0M75 Datasheet HTML 21Page - Token Electronics Industry Co., Ltd. LRC06JTRWR0M75 Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. LRC06JTRWR0M75 Datasheet HTML 23Page - Token Electronics Industry Co., Ltd. LRC06JTRWR0M75 Datasheet HTML 24Page - Token Electronics Industry Co., Ltd. LRC06JTRWR0M75 Datasheet HTML 25Page - Token Electronics Industry Co., Ltd. LRC06JTRWR0M75 Datasheet HTML 26Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
How to Order
12
J
TR
CS
G
A
R100
N
Code
Dimensions (L×W)
01
0.58×0.29
0201
02
1.00×0.50mm
0402
03
1.60×0.80mm
0603
05
2.00×1.25mm
0805
06
3.10×1.55mm
1206
13
3.00×2.50
1210
10
5.00×2.50mm
2010
12
6.30×3.10mm
2512
25
3.10×6.30mm
1225
37
3.75×2.00mm
3720
75
7.50×2.00mm
7520
Part Number
Dimensions (L×W)
Code
Resistance Tolerance
J
±5%
G
±2%
F
±1%
Resistance Tolerance
Packaging
Code
Packaging
TR
Taping Reel
P
Bulk
TCR
Code
TCR
E
±100ppm/°C
K
±150ppm/°C
F
±200ppm/°C
G
±300ppm/°C
H
±400ppm/°C
J
±600ppm/°C
R
±1000ppm/°C
Power Rating
Code
Power Rating
S
2W
A
1.5W
T
1W
Q
3/4W
U
1/2W
V
1/4W
W
1/8W
Resistance
Code
Resistance
R010
0.01Ω
R100
0.100Ω
1R00
1.000Ω
Marking
Code
Resistance
Standard
N
No Marking
CS Current Detecting Chip Resistors
TOKEN
Back to 1st Page - Surface Mount Current Detecting Resistors (CS)
20 of 56
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LRC06JTRWR0M75

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRC06JTRWR0M75G TOKEN-LRC06JTRWR0M75G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
More results

Similar Description - LRC06JTRWR0M75

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Vishay Siliconix
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
   CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
   Current Sense Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com