Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRD3R005JP Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # LRD3R005JP
Description  LRD Open Air Four-terminal Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRD3R005JP Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  LRD3R005JP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRD3R005JP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRD3R005JP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
Preview
Always preferred in current sense applications,
Token’s LRD Series range is available in the
1W, 3W, 5W, 7W and 10W packages,
resistance values down to 0.001 ohm,
with tolerances as tight as 0.50% and
TCRs of 50ppm standard.
The Kelvin (four-terminal) configuration
enables current to be applied through two
opposite terminals and a sensing voltage to
be measured across the other two terminals,
eliminating the resistance and temperature
coefficient of the terminals for a more accurate
current measurement.
With up to 10W power rating and TCRs as low as 50ppm/°C, the LRD Series resistors deliver excellent
performance, making them ideal for a variety of applications. The resistor is constructed using a low-resistance,
low-inductance, high-impulse proprietary metal element that gives the device its extended power and temperature
ratings.
Continually upgrading its resistors to take advantage of modern technologies and manufacturing methods, Token
is now able to offer complete ranges of products which meet the RoHS requirements and in addition to detailing
these, the component selector also provides designers with a comprehensive selection of application notes.
The LRD devices can be manufactured to custom length/width for use as a current shunt. Token will also produce
outside these specifications to meet customer requirements. Contact us with your specific needs.
LRD Open Air Four-terminal Resistors
Token’s Open Air Four-terminal resistors (LRD)
tackle current sensing applications
Four-terminal
Open Air Resistors
Features
- Low inductance.
- 4 leads for Kelvin connection.
- Decimal marked, silicone coated.
- Tinned copper terminal for easy soldering.
- Radial, self-supporting, design is ideal
for PC board mounting.
Applications
- Surge/Pulse Applications.
- Current Sensing Application.
- Feed Back & Motor Control.
- High Precision Measurement Instrumentation.
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Version 2010


Similar Part No. - LRD3R005JP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LRD313 ETC2-LRD313 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
logo
Schneider Electric
LRD313 SCHNEIDER-LRD313 Datasheet
159Kb / 3P
   TeSys LRD thermal overload relays - 9...13 A - class 10A
LRD313 SCHNEIDER-LRD313 Datasheet
129Kb / 3P
   TeSys Deca thermal overload relays - 9...13 A - class 10A
May 30, 2022
LRD3136 SCHNEIDER-LRD3136 Datasheet
131Kb / 3P
   TeSys LRD thermal overload relays - 9...13 A - class 10A
LRD313L SCHNEIDER-LRD313L Datasheet
159Kb / 3P
   TeSys LRD thermal overload relays - 9...13 A - class 20
More results

Similar Description - LRD3R005JP

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
   Open Air Sense Resistors
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
List of Unclassifed Man...
A-H ETC-A-H Datasheet
604Kb / 1P
   FOUR TERMINAL PRECISION RESISTORS
logo
TT Electronics.
CSL TTELEC-CSL Datasheet
433Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
IRC - a TT electronics ...
CSLR001FU IRCTT-CSLR001FU Datasheet
172Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
TT Electronics.
CSLS TTELEC-CSLS Datasheet
395Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
LRA350-009 TOKEN-LRA350-009 Datasheet
371Kb / 3P
   LRA Low Ohmic Open Air Resistors
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com