Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCUU98H-102 Datasheet(PDF) 10 Page - Token Electronics Industry Co., Ltd.

Part # TCUU98H-102
Description  TCUU98V EMI Line Filters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCUU98H-102 Datasheet(HTML) 10 Page - Token Electronics Industry Co., Ltd.

Back Button TCUU98H-102 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCUU98H-102 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCUU98H-102 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCUU98H-102 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCUU98H-102 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCUU98H-102 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCUU98H-102 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCUU98H-102 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCUU98H-102 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TCET28H EMI Line Filters
10 of 11
Magnetic Shielded Core (TCET24H) Configurations & Dimensions
B
C
D
G
Type
A (max)
B(max)
C(max)
D
E
F
G
TCET28H
30.0
30.0
23.5
3.5 ± 0.5
Φ0.8 ±0.1
24.0 ± 0.5
20.0 ± 0.5
Note: Design as Customer’s Requested Specifications.
Common Mode Chokes (TCET28H) at 25°C Electrical Characteristics
Part
Number
Inductance
(mH)(min)
Inductance Balance
(µH)(max)
DCR
(Ω)(max)
IDC
(A)(max)
TCET28H-182
1.8
100
0.072
2.60
TCET28H-682
6.8
200
0.23
1.60
TCET28H-123
12.0
400
0.38
1.20
TCET28H-223
22.0
500
0.65
1.00
TCET28H-393
39.0
700
1.43
0.70
TCET28H-683
68.0
850
1.82
0.60
Note: Test Freq.: 1.0kHz
Allowable Current : D.C. Current When Temperature of Coil Increased up to 40°C .(Ta=25°C )
Version 2010
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TCUU98H-102

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCUU98H102DP TOKEN-TCUU98H102DP Datasheet
1Mb / 85P
   TCUU EMI Line Filters
TCUU98H102P TOKEN-TCUU98H102P Datasheet
1Mb / 85P
   TCUU EMI Line Filters
TCUU98H222DP TOKEN-TCUU98H222DP Datasheet
1Mb / 85P
   TCUU EMI Line Filters
TCUU98H222P TOKEN-TCUU98H222P Datasheet
1Mb / 85P
   TCUU EMI Line Filters
TCUU98H471DP TOKEN-TCUU98H471DP Datasheet
1Mb / 85P
   TCUU EMI Line Filters
More results

Similar Description - TCUU98H-102

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Coilcraft lnc.
DLF-8000L COILCRAFT-DLF-8000L Datasheet
167Kb / 1P
   Data Line EMI Filters
logo
Central Technologies
CTDLFF CT-CTDLFF Datasheet
97Kb / 1P
   Data Line EMI Filters
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Token Electronics Indus...
TCUU98V471DP TOKEN-TCUU98V471DP Datasheet
1Mb / 85P
   TCUU EMI Line Filters
logo
Coilcraft lnc.
PDLF4000L COILCRAFT-PDLF4000L Datasheet
220Kb / 2P
   SMT Data Line EMI Filters
CCDLF COILCRAFT-CCDLF_13 Datasheet
228Kb / 2P
   SMT Data Line EMI Filters
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Coilcraft lnc.
TTDLF COILCRAFT-TTDLF_15 Datasheet
613Kb / 2P
   SMT Data Line EMI Filters
CQ7584-AL COILCRAFT-CQ7584-AL_16 Datasheet
221Kb / 4P
   SMT Data Line EMI Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com