Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR03DPC22201 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # PR03DPC22201
Description  PR Anti-Corrosive Chip Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PR03DPC22201 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  PR03DPC22201 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. PR03DPC22201 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. PR03DPC22201 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PR03DPC22201 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PR03DPC22201 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
01 of 05
Version 2010
Preview
Token Electronics has introduced a new line of anti-corrosive precision chip resistors that eliminates moisture
concerns associated with typical Nickel Chromium precision resistors. The PR Series is an ideal low-cost
alternative for expensive and hard-to-find tantalum nitride chip resistors.
A proprietary passivation layer is introduced between the nichrome resistive element with a superior alumina
substrate and the epoxy overcoat to ensure stable performance and long life in the harshest and wettest
environments.
In MIL-STD-202F method moisture testing, the PR Series
demonstrated excellent stability over time and no significant
shift in resistance after the 1000 hour life test. Applications require
operation in humid or high moisture environments or have
experienced corrosion problems with standard Nichrome thin film
resistors. For those applications, long term extended humidity testing
is essential before a part can be considered for usage on a design.
Designated the PR Series, it is available in industry standard 0402, 0603, 0805, 1206, 2010, to 2512 sizes and
has a resistance range from 10 Ω to 1M Ω, with tolerances tight to ± 0.10% and TCRs as low as 25ppm/°C. The
PR Series has an operating temperature range of -55°C to +155°C. The PR chip also offers outstanding electrical
stability and environmental stability performance that would be expected from a precision resistor.
The standard packaging is tape and reel in 4Kpc, 5Kpc, and 10Kpc quantities depending on part size. Most
sizes and resistance values are also offered in stock, making them an outstanding choice to support quick turn
shortages. Pricing varies with size, tolerance, and TCR and ranges in reel quantities.
The chip PR series is lead-free and RoHS compliant. Detailed specifications, both mechanical and electrical,
please contact our sales representative for more information.
Features
- Tight Tolerance down to ± 0.1%
- Wide R-Value Range 10 Ω ~ 1Meg Ω
- Extremely Low TCR down to ±25 PPM/°C
- Special Passivated NiCr Film for Anti-Acid and Anti-Damp
- Long Term Life Stability with Advance Thin Film
Technology
- Demonstrated the Anti-CorrosionClaims
Characterized by Ta
2N
PR Anti-Corrosive Chip Resistor
(PR) Anti-Corrosive Series of Moisture-Proof
Chip Resistors for High Humidity Precision Applications
Applications
- Telecommunication Device
- Automotive,Medical Equipment
- Outdoor Electronic Applications
- High-end Multimedia Electronics
- Automatic Equipment Controller Devices
- High-end Computer, Industrial Equipment
Anti-Corrosive
Precision
Chip Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - PR03DPC22201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR03 VISHAY-PR03 Datasheet
141Kb / 14P
   Power Metal Film Resistors
Revision: 24-Feb-04
PR03 VISHAY-PR03 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
PR03 VISHAY-PR03 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
logo
International Rectifier
PR03000201802JAC00 IRF-PR03000201802JAC00 Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Alpha Wire
PR0300113 ALPHAWIRE-PR0300113 Datasheet
131Kb / 2P
   Mini Male 7/8??Internal Thread
More results

Similar Description - PR03DPC22201

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNCS-AS SEI-RNCS-AS Datasheet
463Kb / 7P
   Anti-corrosive Anti-sulfur Tantalum Nitride Replacement Resistor
4/22/2022
RNCS0603BTEKIT SEI-RNCS0603BTEKIT Datasheet
43Kb / 1P
   Anti-Corrosive Tantalum Nitride Replacement Resistor
08/21/2014
logo
NIC-Components Corp.
NTRC NIC-NTRC Datasheet
490Kb / 4P
   Anti-Corrosive Thin Film Chip Resistors
logo
Rohm
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
   Anti-surge thick film chip resistor
ESR25 ROHM-ESR25_08 Datasheet
76Kb / 5P
   Anti-surge thick film chip resistor
logo
Riedon Powertron
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
ASC0402-100RF1 RIEDON-ASC0402-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
ASC1206-100RF1 RIEDON-ASC1206-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
logo
Riedon Powertron
ASC0603-100RF1 RIEDON-ASC0603-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com