Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9313WP3 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X9313WP3
Description  E2POT??Nonvolatile Digital Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9313WP3 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X9313WP3 Datasheet HTML 2Page - Xicor Inc. X9313WP3 Datasheet HTML 3Page - Xicor Inc. X9313WP3 Datasheet HTML 4Page - Xicor Inc. X9313WP3 Datasheet HTML 5Page - Xicor Inc. X9313WP3 Datasheet HTML 6Page - Xicor Inc. X9313WP3 Datasheet HTML 7Page - Xicor Inc. X9313WP3 Datasheet HTML 8Page - Xicor Inc. X9313WP3 Datasheet HTML 9Page - Xicor Inc. X9313WP3 Datasheet HTML 10Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
X9313
7
PACKAGING INFORMATION
0.118
± 0.002
(3.00
± 0.05)
0.040
± 0.002
(1.02
± 0.05)
0.150 (3.81)
REF.
0.193 (4.90)
REF.
0.030 (0.76)
0.036 (0.91)
0.032 (0.81)
0.007 (0.18)
0.005 (0.13)
0.008 (0.20)
0.004 (0.10)
0.0216 (0.55)
7
° TYP
R 0.014 (0.36)
0.118
± 0.002
(3.00
± 0.05)
0.012 + 0.006 / -0.002
(0.30 + 0.15 / -0.05)
0.0256 (0.65) TYP
8-LEAD MINIATURE SMALL OUTLINE GULL WING PACKAGE TYPE M
NOTE:
1. ALL DIMENSIONS IN INCHES AND (MILLIMETERS)
3003 ILL 01


Similar Part No. - X9313WP3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313WP INTERSIL-X9313WP Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9313WP INTERSIL-X9313WP Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313WP INTERSIL-X9313WP Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9313WPI INTERSIL-X9313WPI Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9313WPI INTERSIL-X9313WPI Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
More results

Similar Description - X9313WP3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com