Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256S-12 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X28HC256S-12
Description  5 Volt, Byte Alterable E2PROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HC256S-12 Datasheet(HTML) 4 Page - Xicor Inc.

  X28HC256S-12 Datasheet HTML 1Page - Xicor Inc. X28HC256S-12 Datasheet HTML 2Page - Xicor Inc. X28HC256S-12 Datasheet HTML 3Page - Xicor Inc. X28HC256S-12 Datasheet HTML 4Page - Xicor Inc. X28HC256S-12 Datasheet HTML 5Page - Xicor Inc. X28HC256S-12 Datasheet HTML 6Page - Xicor Inc. X28HC256S-12 Datasheet HTML 7Page - Xicor Inc. X28HC256S-12 Datasheet HTML 8Page - Xicor Inc. X28HC256S-12 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
X28HC256
4
WRITE DATA
SAVE LAST DATA
AND ADDRESS
READ LAST
ADDRESS
IO7
COMPARE?
X28HC256
READY
NO
YES
WRITES
COMPLETE?
NO
YES
DATA POLLING I/O7
Figure 2.
DATA Polling Bus Sequence
CE
OE
WE
I/O7
X28HC256
READY
LAST
WRITE
HIGH Z
VOL
VIH
A0–A14
An
An
An
An
An
An
VOH
An
3859 FHD F12
Figure 3.
DATA Polling Software Flow
DATA Polling can effectively halve the time for writing to
the X28HC256. The timing diagram in Figure 2 illus-
trates the sequence of events on the bus. The software
flow diagram in Figure 3 illustrates one method of
implementing the routine.
3859 FHD F13


Similar Part No. - X28HC256S-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256S-12 INTERSIL-X28HC256S-12 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Rochester Electronics
X28HC256S-12 ROCHESTER-X28HC256S-12 Datasheet
977Kb / 21P
   LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
More results

Similar Description - X28HC256S-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com