Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010KI-20 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X28C010KI-20
Description  5 Volt, Byte Alterable E2PROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C010KI-20 Datasheet(HTML) 1 Page - Xicor Inc.

  X28C010KI-20 Datasheet HTML 1Page - Xicor Inc. X28C010KI-20 Datasheet HTML 2Page - Xicor Inc. X28C010KI-20 Datasheet HTML 3Page - Xicor Inc. X28C010KI-20 Datasheet HTML 4Page - Xicor Inc. X28C010KI-20 Datasheet HTML 5Page - Xicor Inc. X28C010KI-20 Datasheet HTML 6Page - Xicor Inc. X28C010KI-20 Datasheet HTML 7Page - Xicor Inc. X28C010KI-20 Datasheet HTML 8Page - Xicor Inc. X28C010KI-20 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
X28C010
1
5 Volt, Byte Alterable E2PROM
© Xicor, Inc. 1991, 1995, 1996 Patents Pending
Characteristics subject to change without notice
3858-3.1 4/3/97 T1/C0/D0 SH
FEATURES
Access Time: 120ns
Simple Byte and Page Write
—Single 5V Supply
—No External High Voltages or VPP Control Circuits
—Self-Timed
—No Erase Before Write
—No Complex Programming Algorithms
—No Overerase Problem
Low Power CMOS:
—Active: 50mA
—Standby: 500
µA
Software Data Protection
—Protects Data Against System Level
Inadvertant Writes
High Speed Page Write Capability
Highly Reliable Direct Write™ Cell
—Endurance: 100,000 Write Cycles
—Data Retention: 100 Years
Early End of Write Detection
DATA Polling
—Toggle Bit Polling
DESCRIPTION
The Xicor X28C010 is a 128K x 8 E2PROM, fabricated
with Xicor's proprietary, high performance, floating gate
CMOS technology. Like all Xicor programmable non-
volatile memories the X28C010 is a 5V only device. The
X28C010 features the JEDEC approved pinout for byte-
wide memories, compatible with industry standard
EPROMs.
The X28C010 supports a 256-byte page write operation,
effectively providing a 19
µs/byte write cycle and en-
abling the entire memory to be typically written in less
than 2.5 seconds. The X28C010 also features
DATA
Polling and Toggle Bit Polling, system software support
schemes used to indicate the early completion of a write
cycle. In addition, the X28C010 supports Software Data
Protection option.
Xicor E2PROMs are designed and tested for applica-
tions requiring extended endurance. Data retention is
specified to be greater than 100 years.
1M
X28C010
128K x 8 Bit
PIN CONFIGURATIONS
3858 FHD F02.1
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
NC
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
X28C010
CERDIP
FLAT PACK
SOIC (R)
X28C010
(TOP VIEW)
A6
A5
A4
A3
A2
A1
A0
I/O0
A13
A8
A9
A11
A10
I/O7
A14
232
6
1
5 43
8
7
9
10
11
12
13
15
17
16
18 19 20
22
23
24
25
26
27
28
29
31
OE
CE
A7
14
21
30
X28C010
(TOP VIEW)
A6
A5
A4
A3
A2
A1
A0
I/O0
A13
A8
A9
A11
A10
I/O7
A14
232
6
1
5
43
8
7
9
10
11
12
13
15
17
16
18 19 20
22
23
24
25
26
27
28
29
31
OE
CE
A7
14
21
30
3858 FHD F03.1
PLCC
LCC
EXTENDED LCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
X28C010
3858 ILL F21
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
NC
NC
VSS
NC
NC
I/O2
I/O1
I/O0
A0
A1
A2
A3
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A11
A9
A8
A13
A14
NC
NC
NC
WE
VCC
NC
NC
NC
A16
A15
A12
A7
A6
A5
A4
TSOP
X28C010
(BOTTOM VIEW)
14
A0
16
I/O1
18
VSS
11
A3
9
A5
7
A7
15
I/O0
17
I/O2
19
I/O3
5
A15
2
NC
36
VCC
20
I/O4
21
I/O5
34
NC
23
I/O7
25
A10
27
A11
29
A8
22
I/O6
32
NC
24
CE
26
OE
28
A9
30
A13
13
A1
12
A2
10
A4
8
A6
4
A
16
3
NC
1
NC
35
WE
33
NC
31
A14
6
A12
PGA
3858 FHD F20


Similar Part No. - X28C010KI-20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010K-25 INTERSIL-X28C010K-25 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
X28C010K-25 INTERSIL-X28C010K-25 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C010K-25 INTERSIL-X28C010K-25 Datasheet
446Kb / 20P
   Protects data against system level inadvertent writes
logo
Renesas Technology Corp
X28C010K-25 RENESAS-X28C010K-25 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
logo
Intersil Corporation
X28C010KM-12 INTERSIL-X28C010KM-12 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28C010KI-20

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com