Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C010KI-20 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X28C010KI-20
Description  5 Volt, Byte Alterable E2PROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C010KI-20 Datasheet(HTML) 2 Page - Xicor Inc.

  X28C010KI-20 Datasheet HTML 1Page - Xicor Inc. X28C010KI-20 Datasheet HTML 2Page - Xicor Inc. X28C010KI-20 Datasheet HTML 3Page - Xicor Inc. X28C010KI-20 Datasheet HTML 4Page - Xicor Inc. X28C010KI-20 Datasheet HTML 5Page - Xicor Inc. X28C010KI-20 Datasheet HTML 6Page - Xicor Inc. X28C010KI-20 Datasheet HTML 7Page - Xicor Inc. X28C010KI-20 Datasheet HTML 8Page - Xicor Inc. X28C010KI-20 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
X28C010
PIN DESCRIPTIONS
Addresses (A0–A16)
The Address inputs select an 8-bit memory location
during a read or write operation.
Chip Enable (
CE)
The Chip Enable input must be LOW to enable all read/
write operations. When
CE is HIGH, power consumption
is reduced.
Output Enable (
OE)
The Output Enable input controls the data output buffers
and is used to initiate read operations.
Data In/Data Out (I/O0–I/O7)
Data is written to or read from the X28C010 through the
I/O pins.
Write Enable (
WE)
The Write Enable input controls the writing of data to the
X28C010.
PIN NAMES
Symbol
Description
A0–A16
Address Inputs
I/O0–I/O7
Data Input/Output
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
+5V
VSS
Ground
NC
No Connect
3858 PGM T01
3858 FHD F01
FUNCTIONAL DIAGRAM
X BUFFERS
LATCHES AND
DECODER
I/O BUFFERS
AND LATCHES
Y BUFFERS
LATCHES AND
DECODER
CONTROL
LOGIC AND
TIMING
1M-BIT
E2PROM
ARRAY
I/O0–I/O7
DATA INPUTS/OUTPUTS
CE
OE
VCC
VSS
A8–A16
WE
A0–A7


Similar Part No. - X28C010KI-20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010K-25 INTERSIL-X28C010K-25 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
X28C010K-25 INTERSIL-X28C010K-25 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C010K-25 INTERSIL-X28C010K-25 Datasheet
446Kb / 20P
   Protects data against system level inadvertent writes
logo
Renesas Technology Corp
X28C010K-25 RENESAS-X28C010K-25 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
logo
Intersil Corporation
X28C010KM-12 INTERSIL-X28C010KM-12 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28C010KI-20

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com