Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCRC0810-181M Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # TCRC0810-181M
Description  TCRC Choke Coil Inductors Radial
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCRC0810-181M Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TCRC0810-181M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCRC0810-181M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCRC0810-181M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCRC0810-181M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCRC0810-181M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCRC0810-181M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCRC0810-181M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCRC0810-181M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCRC0810-181M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
(TCRC0810) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TCRC0810 - 1R0N
1.00
1
0.015
4.50
TCRC0810 - 1R5N
1.50
1
0.020
4.50
TCRC0810 - 2R2N
2.20
1
0.020
4.20
TCRC0810 - 2R7N
2.70
1
0.020
4.20
TCRC0810 - 3R3N
3.30
1
0.020
4.00
TCRC0810 - 3R9N
3.90
1
0.020
4.00
TCRC0810 - 4R7N
4.70
1
0.025
4.00
TCRC0810 - 5R6N
5.60
1
0.025
4.00
TCRC0810 - 6R8N
6.80
1
0.025
4.00
TCRC0810 - 8R2N
8.20
1
0.035
3.80
TCRC0810 - 100M
10.00
1
0.040
3.80
TCRC0810 - 120M
12.00
1
0.040
3.20
TCRC0810 - 150M
15.00
1
0.045
2.80
TCRC0810 - 180M
18.00
1
0.060
2.50
TCRC0810 - 220M
22.00
1
0.070
2.10
TCRC0810 - 270M
27.00
1
0.085
2.00
TCRC0810 - 330M
33.00
1
0.090
1.80
TCRC0810 - 390M
39.00
1
0.100
1.60
TCRC0810 - 470M
47.00
1
0.110
1.50
TCRC0810 - 560M
56.00
1
0.150
1.30
TCRC0810 - 680M
68.00
1
0.190
1.00
TCRC0810 - 820M
82.00
1
0.210
0.90
TCRC0810 - 101M
100.00
1
0.240
0.80
TCRC0810 - 121M
120.00
1
0.260
0.80
TCRC0810 - 151M
150.00
1
0.310
0.75
TCRC0810 - 181M
180.00
1
0.380
0.70
TCRC0810 - 221M
220.00
1
0.430
0.65
TCRC0810 - 271M
270.00
1
0.490
0.63
TCRC0810 - 331M
330.00
1
0.660
0.60
TCRC0810 - 391M
390.00
1
0.790
0.58
TCRC0810 - 471M
470.00
1
0.910
0.52
TCRC0810 - 561M
560.00
1
1.130
0.50
TCRC0810 - 681M
680.00
1
1.300
0.40
TCRC0810 - 821M
820.00
1
1.530
0.30
TCRC0810 - 102M
1000.00
1
1.800
0.27
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at IDC.
TCRC Choke Coil Inductors Radial
http://www.token.com.tw/
rfq token.com.tw
TOKEN
05 of 09
Version 2010


Similar Part No. - TCRC0810-181M

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
TCR-4-48G BEL-TCR-4-48G Datasheet
799Kb / 5P
   Compatible with all TCP3500 PSU models
logo
MORNSUN Science& Techno...
TCR03PI MORNSUN-TCR03PI Datasheet
456Kb / 3P
   Thermocouple Temperature Signal Input Alarms
logo
QuWireless
TCR100 QUWIRELESS-TCR100 Datasheet
3Mb / 6P
   INTEGRATED MULTI-BAND LTE OMNI ANTENNA PLACE TO INSTALL Teltonika TCR100 (ALL-IN-ONE)
2.07
logo
Toshiba Semiconductor
TCR13AGADJ TOSHIBA-TCR13AGADJ Datasheet
537Kb / 21P
   1.3 A CMOS Ultra Low Dropout Regulator
TCR15AG TOSHIBA-TCR15AG Datasheet
404Kb / 13P
   1.5 A CMOS Ultra Low Dropout, Ultra High ripple rejection ratio Regulator
2017-11-08
More results

Similar Description - TCRC0810-181M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCRB0605 TOKEN-TCRB0605 Datasheet
405Kb / 7P
   TCRB Coil Choke Inductors Radial
logo
Frontier Electronics.
18401 FRONTIER-18401 Datasheet
116Kb / 2P
   Radial Leads Inductors (Choke Coil)
18402 FRONTIER-18402 Datasheet
116Kb / 2P
   Radial Leads Inductors (Choke Coil)
logo
Token Electronics Indus...
TCRS0606 TOKEN-TCRS0606 Datasheet
404Kb / 4P
   TCRS Choke Coil Inductors Radial
logo
Frontier Electronics.
18403 FRONTIER-18403 Datasheet
117Kb / 2P
   Radial Leads Inductors (Choke Coil)
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com