Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSDS126-220N Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # TPSDS126-220N
Description  TPSDS Low DCR Chip Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSDS126-220N Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

  TPSDS126-220N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSDS126-220N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSDS126-220N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSDS126-220N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSDS126-220N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSDS126-220N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSDS126-220N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSDS126-220N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSDS126-220N Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
08 of 09
(TPSDS126) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A) (max)
TPSDS126 - 1R7N
1.70
100
0.010
11.80
TPSDS126 - 2R7N
2.70
100
0.011
9.00
TPSDS126 - 3R9N
3.90
100
0.014
7.90
TPSDS126 - 5R6N
5.60
100
0.016
6.80
TPSDS126 - 7R5N
7.50
100
0.017
5.70
TPSDS126 - 100N
10.00
100
0.023
5.50
TPSDS126 - 120N
12.00
100
0.027
5.00
TPSDS126 - 150N
15.00
100
0.032
4.50
TPSDS126 - 180N
18.00
100
0.040
4.10
TPSDS126 - 220N
22.00
100
0.046
3.60
TPSDS126 - 270N
27.00
100
0.050
3.20
TPSDS126 - 330M
33.00
100
0.064
3.00
TPSDS126 - 390M
39.00
100
0.074
2.70
TPSDS126 - 470M
47.00
100
0.082
2.40
TPSDS126 - 560M
56.00
100
0.105
2.00
TPSDS126 - 680M
68.00
100
0.120
1.70
TPSDS126 - 820M
82.00
100
0.145
1.60
TPSDS126 - 101M
100.00
100
0.170
1.50
TPSDS126 - 121M
120.00
100
0.185
1.30
TPSDS126 - 151M
150.00
100
0.235
1.20
TPSDS126 - 181M
180.00
100
0.290
1.10
TPSDS126 - 221M
220.00
100
0.350
1.00
TPSDS126 - 271M
270.00
100
0.415
0.93
TPSDS126 - 331M
330.00
100
0.495
0.83
TPSDS126 - 391M
390.00
100
0.610
0.76
TPSDS126 - 471M
470.00
100
0.705
0.67
TPSDS126 - 561M
560.00
100
0.900
0.62
TPSDS126 - 681M
680.00
100
1.120
0.55
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=30% typ. at IDC.
TPSDS Low DCR Chip Power Inductors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPSDS126-220N

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSD106*025#0500 AVX-TPSD106*025#0500 Datasheet
199Kb / 16P
   Low ESR
TPSD106*025T0500V AVX-TPSD106*025T0500V Datasheet
199Kb / 16P
   Low ESR
TPSD106*035#0125 AVX-TPSD106*035#0125 Datasheet
199Kb / 16P
   Low ESR
TPSD106*035#0300 AVX-TPSD106*035#0300 Datasheet
199Kb / 16P
   Low ESR
TPSD106*035T0300V AVX-TPSD106*035T0300V Datasheet
199Kb / 16P
   Low ESR
More results

Similar Description - TPSDS126-220N

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPS1608DC TOKEN-TPS1608DC Datasheet
432Kb / 7P
   TPSDC Chip Low DCR Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-1606 RENCO-RL-1606 Datasheet
404Kb / 2P
   LOW DCR/LOW PROFILE SMD POWER INDUCTORS
logo
Vishay Siliconix
IHLP-1616BZ-1A VISHAY-IHLP-1616BZ-1A Datasheet
231Kb / 4P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-2020CZ-1A VISHAY-IHLP-2020CZ-1A Datasheet
315Kb / 6P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-3232DZ-1A VISHAY-IHLP-3232DZ-1A Datasheet
344Kb / 6P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-4040DZ-1A VISHAY-IHLP-4040DZ-1A_17 Datasheet
143Kb / 4P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLM2525CZERR10M06 VISHAY-IHLM2525CZERR10M06 Datasheet
117Kb / 4P
   10 % DCR Tolerance, Low Profile, Power Inductors
Revision: 12-May-09
logo
RENCO ELECTRONICS, INC.
RL-7485-2 RENCO-RL-7485-2 Datasheet
388Kb / 2P
   LOW DCR/LOW PROFILE SMD INDUCTORS
RL-7550-2 RENCO-RL-7550-2 Datasheet
1Mb / 2P
   LOW DCR/ LOW PROFILE SMD INDUCTORS
RL-7550-1 RENCO-RL-7550-1 Datasheet
1Mb / 2P
   LOW DCR/ LOW PROFILE SMD INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com