Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPULF7032-2R2M Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TPULF7032-2R2M
Description  TPULF7032/7045 Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPULF7032-2R2M Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TPULF7032-2R2M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPULF7032-2R2M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPULF7032-2R2M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPULF7032-2R2M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04 of 04
TPULF7032/7045 Power Inductors
Version 2010
Part Number: TPULF7032, TPULF7045
1R0
TPULF7032
Inductance
Code
Inductance
1R0
1.00µH
120
12.00µH
121
120.00µH
(TPULF7032/7045) How to Order
M
Tolerance
Code
Tolerance
K
10%
L
15%
M
20%
N
30%
Back to 1st Page - SMT Power Inductors (TPULF7032/7045)
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPULF7032-2R2M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPU104 TOKEN-TPU104 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU105 TOKEN-TPU105 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU106 TOKEN-TPU106 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU1608DF TOKEN-TPU1608DF Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU1608DF-100M TOKEN-TPU1608DF-100M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
More results

Similar Description - TPULF7032-2R2M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com