Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9553BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9553BCPZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9553BCPZ Datasheet HTML 1Page - Analog Devices AD9553BCPZ Datasheet HTML 2Page - Analog Devices AD9553BCPZ Datasheet HTML 3Page - Analog Devices AD9553BCPZ Datasheet HTML 4Page - Analog Devices AD9553BCPZ Datasheet HTML 5Page - Analog Devices AD9553BCPZ Datasheet HTML 6Page - Analog Devices AD9553BCPZ Datasheet HTML 7Page - Analog Devices AD9553BCPZ Datasheet HTML 8Page - Analog Devices AD9553BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9553
Rev. 0 | Page 4 of 44
RESET PIN
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT CHARACTERISTICS1
Input Voltage High, VIH
1.96
V
Input Voltage Low, VIL
0.85
V
Input Current High, IINH
0.3
12.5
μA
Input Current Low, IINL
31
43
μA
MINIMUM PULSE WIDTH LOW
150
μs
Tested with an active source driving the RESET pin.
1 The RESET pin has a 100 kΩ internal pull-up resistor.
REFERENCE CLOCK INPUT CHARACTERISTICS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL INPUT
Input Frequency Range
0.008
250
MHz
710
MHz
Assumes minimum LVDS input level and requires
bypassing of the /5 divider and 2× multiplier.
Common-Mode Internally Generated
Input Voltage
613
692
769
mV
Use ac coupling to preserve the internal dc bias of the
differential input.
Differential Input Voltage Sensitivity
250
mV p-p
Capacitive coupling required; can accommodate single-
ended input by ac grounding unused input; the
instantaneous voltage on either pin must not exceed the
3.3 V dc supply rails.
Differential Input Resistance
5
Differential Input Capacitance
3
pF
Duty Cycle
Pulse width high and pulse width low establish the
bounds for duty cycle.
Pulse Width Low
1.6
ns
Up to 250 MHz.
Pulse Width High
1.6
ns
Up to 250 MHz.
Pulse Width Low
0.64
ns
Beyond 250 MHz, up to 710 MHz.
Pulse Width High
0.64
ns
Beyond 250 MHz, up to 710 MHz.
CMOS SINGLE-ENDED INPUT
Input Frequency Range
0.008
200
MHz
Input High Voltage1
1.05
V
Input Low Voltage1
0.98
V
Input High Current
0.04
μA
Input Low Current
0.03
μA
Input Capacitance
3
pF
Duty Cycle
Pulse width high and pulse width low establish the
bounds for duty cycle.
Pulse Width Low
2
ns
Pulse Width High
2
ns
2× FREQUENCY MULTIPLIER
125
MHz
To avoid excessive reference spurs, the 2× multiplier
requires 48% to 52% duty cycle. Reference clock input
frequencies greater than 125 MHz require the use of the
/5 divider.
1The single-ended CMOS input is 3.3 V compatible. In the case of ac-coupling, the user must bias the input at 1.0 V dc.


Similar Part No. - AD9553BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9550 AD-AD9550 Datasheet
406Kb / 20P
   Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550/PCBZ AD-AD9550/PCBZ Datasheet
406Kb / 20P
   Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550BCPZ AD-AD9550BCPZ Datasheet
406Kb / 20P
   Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550BCPZ-REEL7 AD-AD9550BCPZ-REEL7 Datasheet
406Kb / 20P
   Integer-N Clock Translator for Wireline Communications
REV. 0
AD9551 AD-AD9551 Datasheet
799Kb / 40P
   Multiservice Clock Generator
REV. B
More results

Similar Description - AD9553BCPZ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8001 EXAR-XRT8001 Datasheet
1Mb / 48P
   WAN Clock for T1 and E1 Systems
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30 Datasheet
424Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 101508
DS33M30 MAXIM-DS33M30_08 Datasheet
513Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 111908
DS33M30 MAXIM-DS33M30_V01 Datasheet
448Kb / 21P
   Ethernet Over SONET/SDH Mapper
Rev 1; 010809
logo
Zarlink Semiconductor I...
ZL30105 ZARLINK-ZL30105 Datasheet
691Kb / 50P
   T1/E1/SDH Stratum 3 Redundant System Clock Synchonizer for AdvancedTCA and H.110
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
   SONET/SDH Clock Multiplier PLL
logo
M/A-COM Technology Solu...
28953-BRF-001-A MA-COM-28953-BRF-001-A Datasheet
336Kb / 2P
   Flexible Framer, Programmable For T1/E1,
logo
Zarlink Semiconductor I...
ZL30406 ZARLINK-ZL30406 Datasheet
307Kb / 21P
   SONET/SDH Clock Multiplier PLL
logo
Vitesse Semiconductor C...
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
   2.488GHz SONET/SDH Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com