Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4092-4ARUZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4092-4ARUZ
Description  Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4092-4ARUZ Datasheet(HTML) 5 Page - Analog Devices

  ADA4092-4ARUZ Datasheet HTML 1Page - Analog Devices ADA4092-4ARUZ Datasheet HTML 2Page - Analog Devices ADA4092-4ARUZ Datasheet HTML 3Page - Analog Devices ADA4092-4ARUZ Datasheet HTML 4Page - Analog Devices ADA4092-4ARUZ Datasheet HTML 5Page - Analog Devices ADA4092-4ARUZ Datasheet HTML 6Page - Analog Devices ADA4092-4ARUZ Datasheet HTML 7Page - Analog Devices ADA4092-4ARUZ Datasheet HTML 8Page - Analog Devices ADA4092-4ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADA4092-4
Rev. 0 | Page 5 of 20
VSY = ±15.0 V, VCM = 0 V, VO = 0 V, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
−1.5
+0.2
+1.5
mV
−40°C ≤ TA ≤ +125°C
−2.5
+2.5
mV
Offset Voltage Drift
ΔVOS/ΔT
3
μV/°C
Input Bias Current
IB
−60
−50
nA
−40°C ≤ TA ≤ +85°C
−80
+80
nA
−40°C ≤ TA ≤ +125°C
−500
+500
nA
Input Offset Current
IOS
−4
+1
+4
nA
−40°C ≤ TA ≤ +85°C
−10
+10
nA
−40°C ≤ TA ≤ +125°C
−140
+140
nA
Input Voltage Range
IVR
−15
+15
V
Common-Mode Rejection Ratio
CMRR
VCM = −15.0 V to +15.0 V
90
103
dB
−40°C ≤ TA ≤ +125°C
87
dB
Large Signal Voltage Gain
AVO
RL = 100 kΩ, VO = ±14.7 V
116
118
dB
−40°C ≤ TA ≤ +125°C
108
dB
RL = 10 kΩ, VO = ±14.7 V
102
104
dB
−40°C ≤ TA ≤ +125°C
93
dB
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 kΩ to GND
14.970
14.980
V
−40°C ≤ TA ≤ +125°C
14.950
V
RL = 10 kΩ to GND
14.900
14.915
V
−40°C ≤ TA ≤ +125°C
14.800
V
Output Voltage Low
VOL
RL = 100 kΩ to GND
−14.985
−14.980
V
−40°C ≤ TA ≤ +125°C
−14.965
V
RL = 10 kΩ to GND
−14.970
−14.950
V
−40°C ≤ TA ≤ +125°C
−14.940
V
Short-Circuit Limit
ISC
Source/sink
±20
mA
Closed-Loop Impedance
ZOUT
f = 1 MHz, AV = +1
68
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 2.7 V to 36 V
98
112
dB
−40°C ≤ TA ≤ +125°C
90
dB
Supply Current per Amplifier
ISY
IO = 0 mA
200
250
μA
−40°C ≤ TA ≤ +125°C
350
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 kΩ, CL = 30 pF
0.4
V/μs
Settling Time
tS
To 0.01%
25
μs
Gain Bandwidth Product
GBP
1.4
MHz
Phase Margin
ΦM
69
Degrees
Channel Separation
CS
f = 1 kHz
100
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.8
μV p-p
Voltage Noise Density
en
f = 1 kHz
30
nV/√Hz


Similar Part No. - ADA4092-4ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4092-4ARUZ AD-ADA4092-4ARUZ Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
ADA4092-4ARUZ-RL AD-ADA4092-4ARUZ-RL Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
More results

Similar Description - ADA4092-4ARUZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
LPV531 TI-LPV531_15 Datasheet
970Kb / 27P
[Old version datasheet]   Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
   Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LPV511 TI-LPV511_15 Datasheet
950Kb / 21P
[Old version datasheet]   LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Analog Devices
AD8546 AD-AD8546 Datasheet
862Kb / 24P
   18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP196 AD-OP196 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
   LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com