Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16135 Datasheet(PDF) 10 Page - Analog Devices

Part # ADIS16135
Description  Precision Angular Rate Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16135 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIS16135 Datasheet HTML 6Page - Analog Devices ADIS16135 Datasheet HTML 7Page - Analog Devices ADIS16135 Datasheet HTML 8Page - Analog Devices ADIS16135 Datasheet HTML 9Page - Analog Devices ADIS16135 Datasheet HTML 10Page - Analog Devices ADIS16135 Datasheet HTML 11Page - Analog Devices ADIS16135 Datasheet HTML 12Page - Analog Devices ADIS16135 Datasheet HTML 13Page - Analog Devices ADIS16135 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADIS16135
Rev. 0 | Page 10 of 20
USER REGISTERS
Table 14. User Register Memory Map
Name
R/W
Flash Backup
Address1
Default
Register Description
Bit Function
FLASH_CNT
R
Yes
0x00
N/A
Flash memory write count
Table 30
TEMP_OUT
R
No
0x02
N/A
Output, temperature (internal)
Table 12
GYRO_OUT2
R
No
0x04
N/A
Output, gyroscope, lower 16 bits
Table 11
GYRO_OUT
R
No
0x06
N/A
Output, gyroscope, upper 16 bits
Table 9
GYRO_OFF2
R/W
Yes
0x08
0x0000
Gyroscope bias correction, lower 16 bits
Table 21
GYRO_OFF
R/W
Yes
0x0A
0x0000
Gyroscope bias correction, upper 16 bits
Table 20
ALM_MAG1
R/W
Yes
0x10
0x0000
Alarm 1 trigger setting
Table 23
ALM_MAG2
R/W
Yes
0x12
0x0000
Alarm 2 trigger setting
Table 24
ALM_SMPL1
R/W
Yes
0x14
0x0000
Alarm 1 sample period
Table 25
ALM_SMPL2
R/W
Yes
0x16
0x0000
Alarm 2 sample period
Table 25
ALM_CTRL
R/W
Yes
0x18
0x0317
Alarm configuration
Table 26
GPIO_CTRL
R/W
Yes
0x1A
0x0000
Auxiliary digital input/output control
Table 32
MSC_CTRL
R/W
Yes
0x1C
0x0006
Miscellaneous control: data ready, self-test
Table 31
SMPL_PRD
R/W
Yes
0x1E
0x001F
Internal sample period (rate) control
Table 16
AVG_CNT
R/W
Yes
0x20
0x0000
Digital filter control
Table 17
DEC_RATE
R/W
Yes
0x22
0x0000
Decimation rate setting
Table 18
SLP_CTRL
W
Yes
0x24
0x0000
Sleep mode control
Table 33
DIAG_STAT
R
No
0x26
0x0000
System status
Table 34
GLOB_CMD
W
No
0x28
0x0000
System command
Table 29
Reserved
N/A
N/A
0x26 to 0x31
N/A
Reserved
LOT_ID1
R
Yes
0x32
N/A
Lot Identification Code 1
Table 35
LOT_ID2
R
Yes
0x34
N/A
Lot Identification Code 2
Table 35
LOT_ID3
R
Yes
0x36
N/A
Lot Identification Code 3
Table 35
PROD_ID
R
Yes
0x38
0x3F07
Product ID, binary number for 16,135
Table 37
SERIAL_NUM
R
Yes
0x3A
N/A
Serial number
Table 36
1
Each register contains two bytes. The Address column in this table only offers the address of the lower byte. Add 1 to it to calculate the address of the upper byte.


Similar Part No. - ADIS16135

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16135BMLZ AD-ADIS16135BMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16135

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
   Precision Angular Rate Sensor
REV. D
ADIS16133 AD-ADIS16133 Datasheet
415Kb / 20P
   짹1200째/sec Precision Angular Rate Sensor
REV. 0
ADIS16137 AD-ADIS16137 Datasheet
452Kb / 20P
   짹1000째/Sec Precision Angular Rate Sensor
ADIS16136 AD-ADIS16136 Datasheet
446Kb / 20P
   짹450째/Sec Precision Angular Rate Sensor
REV. A
ADIS16130 AD-ADIS16130 Datasheet
373Kb / 16P
   Digital Output, High-Precision Angular Rate Sensor
REV. 0
logo
List of Unclassifed Man...
SDG1000 ETC2-SDG1000 Datasheet
223Kb / 2P
   MEMS Angular Rate Sensor
logo
Analog Devices
ADIS16120 AD-ADIS16120_15 Datasheet
390Kb / 12P
   Low Noise, Angular Rate Sensor
REV. B
logo
List of Unclassifed Man...
MLX90609 ETC2-MLX90609 Datasheet
611Kb / 22P
   Angular Rate Sensor (Standard version)
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
   Low Noise, Angular Rate Sensor
REV. A
logo
Melexis Microelectronic...
MLX90609 MELEXIS-MLX90609 Datasheet
540Kb / 22P
   Angular Rate Sensor (Standard version)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com